Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD1969 Datasheet (PDF) - Sony Corporation

CXD1969 Datasheet PDF - Sony Corporation
Part # CXD1969
Download  CXD1969 Download
File Size   159.64 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CableCARDTM INTERFACE CONTROLLER

CXD1969 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD1969 Datasheet PDF - Sony Corporation

Part # CXD1969
Download  CXD1969 Click to download

File Size   159.64 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CableCARDTM INTERFACE CONTROLLER

CXD1969 Datasheet (HTML) - Sony Corporation


CXD1969 Product details

DESCRIPTION
The CXD1969 is an ‘Plug & Play’ and OpenCableTM CableCARDTM interface controller IC designed for use with OpenCableTM compliant CableCARDTM modules. It performs the communication interface between a host microcontroller and the CableCARDTM. The IC communicates to the Host either by a 68k-type or I2C connection. Communication between the CXD1969 and the CableCARDTM is highly efficient due to the inclusion of a fully integrated hardware Physical layer.

FEATURES
PC Card Interface
• Fully integrated CableCARDTM interface.
• Support for generic PC Cards.
• Supports 3V3 modules (VPP either 3V3 or 5V)
• Integrated Physical layer with 1Kbyte buffers.

Host Interface
• 68k-type host bus interface
    • 27MHz or 33MHz operating frequency.
• I2C host bus interface.
    • 100kHz or 400kHz operation.
• Maskable/programmable interrupt capability.
• 3V3 logic levels.

OOB Interface
• Supports SCTE 28 Bidirectional OOB I/F.

Transport Stream Interfaces
• Accepts MPEG2 compliant TS.
• SCTE28 compliant parallel TS interfaces to/from POD Card.
• TS interface from tuner (up to 72Mbits/s).
• Serial TS interface to downstream device (up to 72Mbits/s).
• Four serial input and output modes.

Miscellaneous
• Integrated PLL for serial TS.
• 5V compatible I/Os.
• LQFP 100-pin package.

APPLICATIONS
• iDTV
• Set Top Box
• Personal Video Recorder (PVR)




Similar Part No. - CXD1969

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1961AQ SONY-CXD1961AQ Datasheet
294Kb / 33P
DVB-S Frontend IC (QPSK demodulation FEC)
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
DVB-S Front-end IC (QPSK demodulator FEC)
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
More results


Similar Description - CXD1969

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68184 MOTOROLA-MC68184 Datasheet
366Kb / 15P
Broadband Interface Controller
logo
NXP Semiconductors
PCA82C250 PHILIPS-PCA82C250 Datasheet
94Kb / 20P
CAN controller interface
2000 Jan 13
logo
STMicroelectronics
SERCON410B STMICROELECTRONICS-SERCON410B Datasheet
286Kb / 34P
SERCOS INTERFACE CONTROLLER
May 1994
SERCON816 STMICROELECTRONICS-SERCON816 Datasheet
319Kb / 23P
SERCOS INTERFACE CONTROLLER
Jan-2003
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
VIDEO INTERFACE CONTROLLER
logo
List of Unclassifed Man...
NET2890 ETC-NET2890 Datasheet
432Kb / 73P
USB Interface Controller
logo
National Semiconductor ...
MNDP83950B-VQB NSC-MNDP83950B-VQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
logo
Texas Instruments
SN74ACT2440 TI1-SN74ACT2440 Datasheet
544Kb / 33P
NuBusE INTERFACE CONTROLLER
logo
NXP Semiconductors
PCA82C250N NXP-PCA82C250N Datasheet
232Kb / 18P
CAN controller interface
Rev. 06-25 August 2011
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
PD Interface Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com