Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2153 Datasheet (PDF) - International Rectifier

IRS2153 Datasheet PDF - International Rectifier
Part # IRS2153
Download  IRS2153 Download
File Size   336.73 Kbytes
Page   14 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SELF-OSCILLATING HALF-BRIDGE DRIVER IC

IRS2153 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2153 Datasheet PDF - International Rectifier

Part # IRS2153
Download  IRS2153 Click to download

File Size   336.73 Kbytes
Page   14 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SELF-OSCILLATING HALF-BRIDGE DRIVER IC

IRS2153 Datasheet (HTML) - International Rectifier


IRS2153 Product details

Description
The IRS2153(1)D is based on the popular IR2153 self oscillating half-bridge gate driver IC using a more advanced silicon platform, and incorporates a high voltage half-bridge gate driver with a front end oscillator similar to the industry standard CMOS 555 timer. HVIC and latch immune CMOS technologies enable rugged monolithic construction. The output driver features a high pulse current buffer stage designed for minimum driver cross-conduction. Noise immunity is achieved with low di/dt peak of the gate drivers.

Features
■ Integrated 600 V half-bridge gate driver
■ CT, RT programmable oscillator
■ 15.4 V Zener clamp on VCC
■ Micropower startup
■ Non-latched shutdown on CT pin (1/6th VCC)
■ Internal bootstrap FET
■ Excellent latch immunity on all inputs and outputs
■ +/- 50 V/ns dV/dt immunity
■ ESD protection on all pins
■ 8-lead SOIC or PDIP package
■ Internal deadtime




Similar Part No. - IRS2153

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS21531DPBF INFINEON-IRS21531DPBF Datasheet
363Kb / 14P
SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
IRS21531DSPBF INFINEON-IRS21531DSPBF Datasheet
363Kb / 14P
SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
logo
International Rectifier
IRS2153D IRF-IRS2153D Datasheet
271Kb / 12P
SELF-OSCILLATING HALF-BRIDEGE DRIVER IC
IRS2153D IRF-IRS2153D Datasheet
360Kb / 14P
SELF-OSCILLATING HALF-BRIDGE DRIVER IC
IRS2153DPBF IRF-IRS2153DPBF Datasheet
271Kb / 12P
SELF-OSCILLATING HALF-BRIDEGE DRIVER IC
More results


Similar Description - IRS2153

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531 IRF-IR21531_15 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IRS2153D IRF-IRS2153D_15 Datasheet
360Kb / 14P
SELF-OSCILLATING HALF-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2153DPBF INFINEON-IRS2153DPBF Datasheet
363Kb / 14P
SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com