Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG8080 Datasheet (PDF) - Solid State Inc

SG8080 Datasheet PDF - Solid State Inc
Part # SG8080
Download  SG8080 Download
File Size   767.36 Kbytes
Page   15 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 2A Output Current

SG8080 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG8080 Datasheet PDF - Solid State Inc

Part # SG8080
Download  SG8080 Click to download

File Size   767.36 Kbytes
Page   15 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 2A Output Current

SG8080 Datasheet (HTML) - Solid State Inc


SG8080 Product details

Applications
 IGBT / MOSFET Gate Drives
 AC & Brushless DC Motor Drives
 Industrial Inverters
 Uninterruptable Power Supplies (UPS)
 Switch Mode Power Supplies
Features
 High Common Mode Rejection: 10kV/S
minimum @ VCM = 1500V
 2A Maximum Peak Output Current
 Fast Switching Speeds
o 200nS Maximum Propagation Delay
 ICC=5mA Maximum Supply Current
 Wide Supply Voltage Range (10V to 20V)
 Under Voltage Lockout Protection (UVLO) with
Hysteresis
 Broad Temperature Performance Range
(-40°C to 100°C)
 Low Power Dissipation (RON ≤ 1Ω)
 Rail-to-Rail Output Voltage
 High Input to Output Isolation (5kVRMS)
 RoHS / Pb-Free / REACH Compliant




Similar Part No. - SG8080

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
IGBT Gate Drive Optocoupler
More results


Similar Description - SG8080

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Semtech Corporation
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
18V 2A Step-Down Switching Regulator 2A Output Current
logo
Advanced Monolithic Sys...
AMS1067 AMS-AMS1067 Datasheet
5Mb / 5P
2A Output Current
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
2A Output Current
logo
BCD Semiconductor Manuf...
AP3502E BCDSEMI-AP3502E Datasheet
597Kb / 11P
340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
logo
General Semiconductor
APXS002A0X-SRZ GE-APXS002A0X-SRZ Datasheet
851Kb / 24P
2A PicoTLynxTM: Non-Isolated DC-DC Power Modules 3Vdc ??4Vdc input; 0.6Vdc to 5.5Vdc output; 2A Output Current
logo
Seaward Electronics Inc...
SE3608 SEAWARD-SE3608 Datasheet
337Kb / 8P
2A/1.2Mhz Output Current, Boost Converter
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
2A maximum output current
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
Guaranteed Output Current of 2A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com