Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4202 Datasheet (PDF) - Solid State Inc

SM4202 Datasheet PDF - Solid State Inc
Part # SM4202
Download  SM4202 Download
File Size   224.34 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Miniature 4 pin SOP package

SM4202 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4202 Datasheet PDF - Solid State Inc

Part # SM4202
Download  SM4202 Click to download

File Size   224.34 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Miniature 4 pin SOP package

SM4202 Datasheet (HTML) - Solid State Inc


SM4202 Product details

Features
 Miniature 4 pin SOP package
 Built in active discharge circuit for fast turn-off
 Fast Turn-On
 6V Gate Drive Voltage
 High Input-to-Output Isolation (1.5kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Isolated means to drive discrete power MOSFETs
 Lighting Controls
 Process Control Modules
 Solid State Relays
 Solenoid Controls




Similar Part No. - SM4202

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SM4202 SSOUSA-SM4202 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
More results


Similar Description - SM4202

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
logo
Solid State Optronic
M241 SSOUSA-M241 Datasheet
171Kb / 5P
Miniature 4 pin SOP package
MD203 SSOUSA-MD203 Datasheet
210Kb / 7P
Miniature 4 pin SOP package
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
Ultra miniature 4 pin SSOP package
SM4202 SSOUSA-SM4202 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
SM4203 SSOUSA-SM4203 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
SM4205 SSOUSA-SM4205 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
SM4206 SSOUSA-SM4206 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com