Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17014 Datasheet (PDF) - Maxim Integrated Products

MAX17014 Datasheet PDF - Maxim Integrated Products
Part # MAX17014
Download  MAX17014 Download
File Size   626.34 Kbytes
Page   34 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Multiple-Output Power Supply for LCD TVs

MAX17014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17014 Datasheet PDF - Maxim Integrated Products

Part # MAX17014
Download  MAX17014 Click to download

File Size   626.34 Kbytes
Page   34 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Multiple-Output Power Supply for LCD TVs

MAX17014 Datasheet (HTML) - Maxim Integrated Products


MAX17014 Product details

General Description

The MAX17014 multiple-output power-supply controller generates all the supply rails for thin-film transistor (TFT) liquid-crystal display (LCD) panels in TVs and monitors operating from a regulated 12V input. It includes a step-down and a step-up regulator, a positive and a negative charge pump, two operational amplifiers, and a Dual Mode™ logic-controlled high voltage switch control block. The MAX17014 can operate from 8V to 16.5V input voltages and is optimized for LCD TV panel and LCD monitor applications running directly from 12V supplies.



Features

♦ Optimized for 10.8V to 13.2V Input Supply

♦ 8V to 16.5V Input Supply Range

♦ Selectable Frequency (600kHz/1.2MHz)

♦ Current-Mode Step-Up Regulator

   Built-In 20V, 3.3A, 110mΩ n-Channel MOSFET

   High-Accuracy Output Voltage (1%)

   True Shutdown

   Fast Load-Transient Response

   High Efficiency

   3ms Internal Soft-Start

♦ Current-Mode Step-Down Regulator

   Built-In 20V, 2.5A, 120mΩ n-Channel MOSFET

   Fast Load-Transient Response

   Adjustable Output Voltage Down to 1.25V

   Skip Mode at Light Load

   High Efficiency

   3ms Internal Soft-Start

♦ Adjustable Positive and Negative Charge-Pump Regulators

♦ Soft-Start and Timer-Delay Fault Latch for All Outputs

♦ Logic-Controlled High-Voltage Integrated Switches with Adjustable Delay

♦ Two High-Speed Operational Amplifiers

   ±150mA Short-Circuit Current

   100V/µs Slew Rate

   20MHz, -3dB Bandwidth

♦ 120mΩ p-Channel FET for AVDD Sequencing

♦ Input Undervoltage Lockout and Thermal Overload Protection

♦ 48-Pin, 7mm x 7mm Thin QFN Package



Applications

LCD TV Panels

LCD Monitor Panels




Similar Part No. - MAX17014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014 Datasheet
540Kb / 33P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX17014 MAXIM-MAX17014 Datasheet
212Kb / 11P
1.2MHz Switching Frequency (600kHz Selectable)
Rev 0; 12/07
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014AETM+ MAXIM-MAX17014AETM+ Datasheet
626Kb / 32P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014ETM+ MAXIM-MAX17014ETM+ Datasheet
540Kb / 33P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
More results


Similar Description - MAX17014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
Multiple Output Switching Power Supply
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
Triple Output Power Supply for TFT-LCD
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
6-CH Bias Power Supply for LCD TVs
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com