Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB1220 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1220 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1220
Download  YB1220 Download
File Size   502.2 Kbytes
Page   9 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Dual Channel 200mA LDO Regulator

YB1220 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1220 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1220
Download  YB1220 Click to download

File Size   502.2 Kbytes
Page   9 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Dual Channel 200mA LDO Regulator

YB1220 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1220 Product details

Description

The YB1220 family is a dual-channel LDO product consisting of 2 independent low noise, low dropout (LDO), linear regulators especially designed for battery-powered equipment and portable device. The regulator achieves a low 300 mV dropout at 200mA 3.3V output and good PSRR of near 50dB at 1K~10KHz frequency.

The YB1220 consumes only 80uA supply current with both regulators enabled and supports different output voltages of full range from 1.2 to 3.6V (pre-set).

The YB1220 is smartly designed to fit in three different pin allocations of SOT23-6 package which offers higher flexibility to users’ PCB layout.



Features

• High Accuracy Output Voltage : + 2%

• Wide Output Voltage Range : 1.2~3.6V

• Each Channel Typical Current : 200mA

• Max. Allowable 300mA Each Channel

• Low Quiescent Current : ~80uA

• Dual Enable Pins Control

• 300mV Dropout at 200mA 3.3V Output

• Stable with 1.0uF Ceramic Capacitor

• Thermal Protection Shutdown

• Output Short-Circuit Current Limit

• Built-In Internal Soft-Start

• Green Package (RoHS) Available



Applications

• Cellular Phone

• White LED Backlighting

• PDA, Notebook, PC

• Digital Camera

• Portable Application

• Wireless LAN

• Battery-Powered Equipment



 




Similar Part No. - YB1220

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results


Similar Description - YB1220

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
3-MODE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
Dual 200mA CMOS LDO Voltage Regulator
logo
Lowpower Semiconductor ...
LP2201 POWER-LP2201 Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2203 POWER-LP2203 Datasheet
392Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR4XXYY UTC-LR4XXYY Datasheet
178Kb / 7P
Dual Low-Noise 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com