Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB1300S Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1300S Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1300S
Download  YB1300S Download
File Size   368.29 Kbytes
Page   8 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Switched Capacitor Boost Converter 5V/4.5V

YB1300S Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1300S Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1300S
Download  YB1300S Click to download

File Size   368.29 Kbytes
Page   8 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Switched Capacitor Boost Converter 5V/4.5V

YB1300S Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1300S Product details

Description
The YB1300S is a switched capacitor DC/DC boost converter that produces a regulated 5V output. The input voltage range is from 2.7V to 5.0V that makes the YB1300S ideally for a single cell Li-Ion battery source.

Features
● Switched-Capacitor Step-Up Operation
● Input Range : 2.7V to 5.0V
● Shutdown Mode
● 5V/4.5V Fix Output Voltage
● 1MHz Internal Oscillator
● Thermal Protection Shutdown
● Output Short-circuit Current Limit Protection
● Automatic Soft-Start Reduces In-Rush Current
● SOT23-6 Package




Similar Part No. - YB1300S

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
More results


Similar Description - YB1300S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775 TI-LM2775_15 Datasheet
923Kb / 27P
LM2775 Switched Capacitor 5-V Boost Converter
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
Switched Capacitor 5-V Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com