Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1456975 Datasheet (PDF) - PHOENIX CONTACT

1456975 Datasheet PDF - PHOENIX CONTACT
Part # 1456975
Download  1456975 Download
File Size   193.68 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-PRO-SKT-B72-L60-7035 - Housing set

1456975 Datasheet (PDF)

Go To PDF Page Download Datasheet
1456975 Datasheet PDF - PHOENIX CONTACT

Part # 1456975
Download  1456975 Click to download

File Size   193.68 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-PRO-SKT-B72-L60-7035 - Housing set

1456975 Datasheet (HTML) - PHOENIX CONTACT


1456975 Product details

Profile housing (PA), mounting type: DIN rail mounting, dimensions on the DIN rail: width: 63.8
mm, height: 92.3 mm, depth: 39.45 mm, incl. 2 lateral elements (PA), color: black (9005), for
PCBs with width: 72 mm, length: 60 mm, PCB surface: 2950 mm2




Similar Part No. - 1456975

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1456970 PHOENIX-1456970 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P- 5,0-800/M12FR
09/11/2020
More results


Similar Description - 1456975

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202023 PHOENIX-2202023 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO 108 FOOT KMGY
2202025 PHOENIX-2202025 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO PE CONTACT L1
2200153 PHOENIX-2200153 Datasheet
45Kb / 2P
Components of electronic housing - UM-PRO 72 FOOT BK
2200155 PHOENIX-2200155 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
2200158 PHOENIX-2200158 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
2200164 PHOENIX-2200164 Datasheet
56Kb / 2P
Locking element for locking the PCB onto UM-PRO housing at level 1
2200165 PHOENIX-2200165 Datasheet
56Kb / 2P
Locking element for locking the PCB onto UM-PRO housing at level 2
2202030 PHOENIX-2202030 Datasheet
47Kb / 2P
Electronic housing - UM-BASIC/PRO PCB C-LOCK L3KMGY
2200157 PHOENIX-2200157 Datasheet
94Kb / 7P
Foot element - UM-PRO 108 FOOT BK
09/12/2020
2200171 PHOENIX-2200171 Datasheet
105Kb / 8P
Mounting flange - UM-PRO MOUNT BK
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com