Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSPXO017885 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

LFSPXO017885 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # LFSPXO017885
Download  LFSPXO017885 Download
File Size   1240.37 Kbytes
Page   2 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Crystal Clock Oscillator Specification

LFSPXO017885 Datasheet (PDF)

Go To PDF Page Download Datasheet
LFSPXO017885 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # LFSPXO017885
Download  LFSPXO017885 Click to download

File Size   1240.37 Kbytes
Page   2 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Crystal Clock Oscillator Specification

LFSPXO017885 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


LFSPXO017885 Product details

Description
Standard 7.0 x 5.0mm crystal oscillator in a ceramic package
with a seam sealed metal lid, hermetically sealed.
Model CFPS-73
Model Issue number 16
Frequency Parameters
Frequency 40.0MHz
Frequency Stability ±50.00ppm
Operating Temperature Range -40.00 to 85.00°C
Ageing ±5ppm per year
Electrical Parameters
Supply Voltage 3.3V ±10%
Current Draw 38.000mA max
Note: parameters are referenced to 15pF load
Output Details
Output Compatibility CMOS
Drive Capability 15pF typ, 30pF max
Rise and Fall Time 10.0ns max
Duty Cycle 40/60 max
Start up time: 10ms max, 0.9ms typ to 90% of final amplitude (
under ideal conditions @25°C).
Output Control
Standby Operation:
Logic ‘1’ (>70% VS) to pad 1 enables oscillator output
Logic ‘0’ (<30% VS) to pad 1 disables oscillator output; the
oscillator output goes to the high impedance state
No connection to pad 1 enables oscillator output
Standby Current: 10μA max, 0.9μA typ @25°C.
Environmental Parameters
Shock: Half Sine shock pulse with peak acceleration 500g;
Pulse duration: 0.3ms
Vibration: MIL-STD-202 Method 204. 5g for 20 minutes, 12
cycles in each of the 3 orientations, 10 - 2000 Hz. As per
Table 11 of AEC-Q200.
Storage Temperature Range: -55 to 125°C
Manufacturing Details
RoHS Terminations NiAu
RoHS Reflow Temp 260°C 10s max
Compliance
RoHS Status (2015/863/EU) Compliant
REACh Status Compliant
MSL Rating (JDEC-STD-033): Not Applicable




Similar Part No. - LFSPXO017885

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
LFSPXO017885 IQD-LFSPXO017885 Datasheet
1,009Kb / 2P
Crystal Clock Oscillator Specification
More results


Similar Description - LFSPXO017885

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-40-AUTO IQD-CFPS-40-AUTO Datasheet
233Kb / 2P
Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
Crystal Clock Oscillator Specification
CFPS-113 IQD-CFPS-113 Datasheet
279Kb / 2P
Crystal Clock Oscillator Specification
CFPS-114 IQD-CFPS-114 Datasheet
281Kb / 2P
Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
Crystal Clock Oscillator Specification
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com