Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121ICT Datasheet (PDF) - STMicroelectronics

TS3121ICT Datasheet PDF - STMicroelectronics
Part # TS3121ICT
Download  TS3121ICT Download
File Size   2080.67 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail, open-drain comparator with embedded fail-safe input/output

TS3121ICT Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3121ICT Datasheet PDF - STMicroelectronics

Part # TS3121ICT
Download  TS3121ICT Click to download

File Size   2080.67 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail, open-drain comparator with embedded fail-safe input/output

TS3121ICT Datasheet (HTML) - STMicroelectronics


TS3121ICT Product details

Features
• Low offset voltage: 2 mV max @ 25 °C (A-grade version)
• Low power consumption: 70 μA typ.
• Wide supply voltage: 1.7 to 5.5 V
• Propagation delay: 60 ns
• Rail-to-rail input
• Open-drain output
• Fail-safe input/output pins
• Input/output pins withstand voltages higher than VCC
• Fail-safe architecture keeps output in high impedance when VCC = 0 V
• Guaranteed start-up time allows sequential on/off cycles of VCC
• High ESD tolerance: 4 kV HBM
• Extended temperature range: -40 to +125 °C
• AEC-Q100 qualified
• Safety capable: documentation available to aid functional safety system design

Applications
• Industrial
• Automotive
• Power tools
• Overcurrent protection
• Controllers, sensors




Similar Part No. - TS3121ICT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3121ICT STMICROELECTRONICS-TS3121ICT Datasheet
2Mb / 34P
Rail-to-rail, open-drain comparator with embedded fail-safe input/output
10-Apr-2025
More results


Similar Description - TS3121ICT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 TI1-LMC7221_14 Datasheet
1Mb / 21P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com