Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3037041 Datasheet (PDF) - PHOENIX CONTACT

3037041 Datasheet PDF - PHOENIX CONTACT
Part # 3037041
Download  3037041 Download
File Size   224.88 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 1,5 GN - Feed-through terminal block

3037041 Datasheet (PDF)

Go To PDF Page Download Datasheet
3037041 Datasheet PDF - PHOENIX CONTACT

Part # 3037041
Download  3037041 Click to download

File Size   224.88 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 1,5 GN - Feed-through terminal block

3037041 Datasheet (HTML) - PHOENIX CONTACT


3037041 Product details

Feed-through terminal block, nom. voltage: 500 V, nominal current: 17.5 A, number of
connections: 2, connection method: Spring-cage connection, 1 level, Rated cross section: 1.5
mm2, cross section: 0.08 mm2 - 1.5 mm2, mounting type: NS 35/7,5, NS 35/15, color: green




Similar Part No. - 3037041

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037009 PHOENIX-3037009 Datasheet
144Kb / 6P
STS 2,5-TG
3037012 PHOENIX-3037012 Datasheet
548Kb / 21P
Feed-through terminal block - ST 1,5 OG
3037025 PHOENIX-3037025 Datasheet
135Kb / 3P
ST 1,5 YE
3037038 PHOENIX-3037038 Datasheet
147Kb / 4P
ST 1,5 RD
3037054 PHOENIX-3037054 Datasheet
259Kb / 22P
Feed-through terminal block - ST 1,5 WH
09/12/2020
More results


Similar Description - 3037041

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3031200 PHOENIX-3031200 Datasheet
56Kb / 4P
Feed-through terminal block - ST 1,5-QUATTRO GN
3037067 PHOENIX-3037067 Datasheet
70Kb / 6P
Feed-through terminal block - ST 1,5 BK
3037258 PHOENIX-3037258 Datasheet
182Kb / 19P
Feed-through terminal block - ST 1,5-TWIN OG
3037287 PHOENIX-3037287 Datasheet
172Kb / 17P
Feed-through terminal block - ST 1,5-TWIN GN
3213124 PHOENIX-3213124 Datasheet
68Kb / 6P
Feed-through terminal block - ST 1,5/S-QUATTRO
3037012 PHOENIX-3037012 Datasheet
548Kb / 21P
Feed-through terminal block - ST 1,5 OG
3037326 PHOENIX-3037326 Datasheet
596Kb / 31P
Feed-through terminal block - ST 2,5-TWIN GN
3037384 PHOENIX-3037384 Datasheet
633Kb / 28P
Feed-through terminal block - ST 4-TWIN GN
3208129 PHOENIX-3208129 Datasheet
573Kb / 25P
Feed-through terminal block - PT 1,5/S GN
3037054 PHOENIX-3037054 Datasheet
259Kb / 22P
Feed-through terminal block - ST 1,5 WH
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com