Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3037520 Datasheet (PDF) - PHOENIX CONTACT

3037520 Datasheet PDF - PHOENIX CONTACT
Part # 3037520
Download  3037520 Download
File Size   250.13 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 4-TWIN RD - Feed-through terminal block

3037520 Datasheet (PDF)

Go To PDF Page Download Datasheet
3037520 Datasheet PDF - PHOENIX CONTACT

Part # 3037520
Download  3037520 Click to download

File Size   250.13 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 4-TWIN RD - Feed-through terminal block

3037520 Datasheet (HTML) - PHOENIX CONTACT


3037520 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 32 A, number of
connections: 3, connection method: Spring-cage connection, 1 level, Rated cross section: 4
mm2, cross section: 0.08 mm2 - 6 mm2, mounting type: NS 35/7,5, NS 35/15, color: red




Similar Part No. - 3037520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037504 PHOENIX-3037504 Datasheet
234Kb / 21P
Feed-through terminal block - STS 2,5-TWIN OG
09/12/2020
3037517 PHOENIX-3037517 Datasheet
150Kb / 18P
Feed-through terminal block - STS 2,5-TWIN RD
3037533 PHOENIX-3037533 Datasheet
120Kb / 12P
Feed-through terminal block - STS 4-TWIN OG
logo
TE Connectivity Ltd
303754-000 TEC-303754-000 Datasheet
3Mb / 40P
Raychem Application Tooling
logo
PHOENIX CONTACT
3037546 PHOENIX-3037546 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4-QUATTRO OG
More results


Similar Description - 3037520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1923157 PHOENIX-1923157 Datasheet
78Kb / 6P
Feed-through terminal block - UK 5-TWIN RD
3036589 PHOENIX-3036589 Datasheet
115Kb / 12P
Feed-through terminal block - STS 4-TWIN/L BU
3037494 PHOENIX-3037494 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4 RD
3037517 PHOENIX-3037517 Datasheet
150Kb / 18P
Feed-through terminal block - STS 2,5-TWIN RD
3037533 PHOENIX-3037533 Datasheet
120Kb / 12P
Feed-through terminal block - STS 4-TWIN OG
3037562 PHOENIX-3037562 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO RD
3037371 PHOENIX-3037371 Datasheet
626Kb / 28P
Feed-through terminal block - ST 4-TWIN RD
3044365 PHOENIX-3044365 Datasheet
496Kb / 22P
Feed-through terminal block - UT 4-TWIN RD
3037504 PHOENIX-3037504 Datasheet
234Kb / 21P
Feed-through terminal block - STS 2,5-TWIN OG
09/12/2020
3038163 PHOENIX-3038163 Datasheet
213Kb / 19P
Feed-through terminal block - STS 6-TWIN BU
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com