Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3037601 Datasheet (PDF) - PHOENIX CONTACT

3037601 Datasheet PDF - PHOENIX CONTACT
Part # 3037601
Download  3037601 Download
File Size   215.31 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 2,5 RD - Feed-through terminal block

3037601 Datasheet (PDF)

Go To PDF Page Download Datasheet
3037601 Datasheet PDF - PHOENIX CONTACT

Part # 3037601
Download  3037601 Click to download

File Size   215.31 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 2,5 RD - Feed-through terminal block

3037601 Datasheet (HTML) - PHOENIX CONTACT


3037601 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, number of
connections: 2, connection method: Spring-cage connection, 1 level, Rated cross section: 2.5
mm2, cross section: 0.08 mm2 - 4 mm2, mounting type: NS 35/7,5, NS 35/15, color: red




Similar Part No. - 3037601

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037614 PHOENIX-3037614 Datasheet
154Kb / 14P
Component terminal block - STTB 2,5-DIO/O-U BK
3037643 PHOENIX-3037643 Datasheet
6Mb / 76P
THERMOMARK LINE
3037643 PHOENIX-3037643 Datasheet
113Kb / 6P
PIT 2,5 BU
3037643 PHOENIX-3037643 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
3037643 PHOENIX-3037643 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
More results


Similar Description - 3037601

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0719074 PHOENIX-0719074 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N RD
1037083 PHOENIX-1037083 Datasheet
90Kb / 5P
Feed-through terminal block - PTS 2,5 RD
3037494 PHOENIX-3037494 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4 RD
3037517 PHOENIX-3037517 Datasheet
150Kb / 18P
Feed-through terminal block - STS 2,5-TWIN RD
3037562 PHOENIX-3037562 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO RD
3037575 PHOENIX-3037575 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO OG
3209512 PHOENIX-3209512 Datasheet
70Kb / 5P
Feed-through terminal block - PT 2,5 RD
3209580 PHOENIX-3209580 Datasheet
188Kb / 21P
Feed-through terminal block - PT 2,5-QUATTRO RD
3211223 PHOENIX-3211223 Datasheet
686Kb / 35P
Feed-through terminal block - PT 2,5-TWIN RD
3037504 PHOENIX-3037504 Datasheet
234Kb / 21P
Feed-through terminal block - STS 2,5-TWIN OG
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com