Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40D2405 Datasheet (PDF) - AG Electronica

40D2405 Datasheet PDF - AG Electronica
Part # 40D2405
Download  40D2405 Download
File Size   489.07 Kbytes
Page   6 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONVERTIDOR DC-DC ENTRADA (18V-36V) 5V 8A 40W

40D2405 Datasheet (PDF)

Go To PDF Page Download Datasheet
40D2405 Datasheet PDF - AG Electronica

Part # 40D2405
Download  40D2405 Click to download

File Size   489.07 Kbytes
Page   6 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONVERTIDOR DC-DC ENTRADA (18V-36V) 5V 8A 40W

40D2405 Datasheet (HTML) - AG Electronica


40D2405 Product details

PRODUCT FEATURES
 Ultra-thin international standard size and lead package
 Wide range input voltage: 18~36VDC
 Ultra-low standby power consumption 0.036W (typical value)
 Input and output isolation withstand voltage 1500VDC
 Ultra-fast start: 1ms (typical value)
 High efficiency, conversion efficiency up to 91% (Typ)
 Operating temperature range: -40°C~+85°C
 Good output short circuit and over current protection and self-recovery
 High reliability, long life design, continuous work>100000H
 It is potted with high-quality environmentally friendly waterproof and thermal conductive glue, moisture-proof and vibration-proof, and meets the waterproof and dust-proof IP65 standard
 Meet UL/CE/EMC and safety testing requirements
 Can be used in medical, industrial control, electric power, instrumentation, communication, railway and other fields

APPLICATION CIRCUIT
Recommended test circuit
Generally recommended capacitance: C1: 47-100μF/50V; C2, C3: 10-22μF.
All DC/DC converters of this series are tested according to the recommended test circuit shown in the figure below before leaving the factory.
If it is required to further reduce the input and output ripple, the input and output external capacitors C1, C2, C3 can be increased or selected in series with capacitors with a small equivalent impedance, but the capacitance cannot be greater than the maximum capacitive load of the product.

Pin description:
1: -Vin input negative; 2: +Vin input positive; 3: +Vo output positive; 4: NC; 5: -Vo output negative; 6: NC
*Note: If the definition of each pin of the power module is not consistent with the selection manual, the label on the physical label shall prevail.




Similar Part No. - 40D2405

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
40D241K CERAMATE-40D241K Datasheet
84Kb / 5P
QUALITY APPROVAL and STRUCTURE
logo
Ruilongyuan Electronics...
40D241K RUILON-40D241K Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D241K SUNMATE-40D241K Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
40D241K YINT-40D241K Datasheet
462Kb / 3P
High-Energy Varistors
logo
Shanghai Leiditech Elec...
40D241K LEIDITECH-40D241K Datasheet
394Kb / 4P
Metal Oxide Varistors
More results


Similar Description - 40D2405

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
logo
Linear Technology
LTC3608 LINER-LTC3608 Datasheet
372Kb / 24P
18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
18V to 36V DC Voltage Input Range
Rev 0; 4/12
MAX17596EVKIT MAXIM-MAX17596EVKIT Datasheet
1Mb / 11P
One 18V–36V DC, 2A power supply Evaluation Kit
Rev 0; 7/15
MAX17690EVKITB MAXIM-MAX17690EVKITB Datasheet
736Kb / 7P
One 18V–36V DC, 1A power supply
Rev 2; 1/17
logo
Ningbo Leison Motor Co....
LS-Z4D40-5GN NINGBO-LS-Z4D40-5GN Datasheet
767Kb / 1P
DC Motor 40W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com