Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C Datasheet (PDF) - TECH PUBLIC Electronics co LTD

BZX84C Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # BZX84C_V01
Download  BZX84C Download
File Size   3558.21 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 350m Watt Zener Voltage Regulators

BZX84C Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # BZX84C_V01
Download  BZX84C Click to download

File Size   3558.21 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 350m Watt Zener Voltage Regulators

BZX84C Datasheet (HTML) - TECH PUBLIC Electronics co LTD


BZX84C Product details

Features

» Low Zener Impedance

« Power Dissipation of 350mW

« High Stability and High Reliability
« Halogen free and RoHS compliant
+ SOT23 surface mount package




Similar Part No. - BZX84C_V01

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BZX84C2V0 HTSEMI-BZX84C2V0 Datasheet
712Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Kingtronics Internation...
BZX84C2V0 KINGTRONICS-BZX84C2V0 Datasheet
403Kb / 3P
BZX84C2V0... BZX84C75 Silicon Planar Zener Diodes
logo
Suntan Capacitors
BZX84C2V0 SUNTAN-BZX84C2V0 Datasheet
136Kb / 3P
Zener breakdown voltage range - 2.0 V to 75 V
logo
KEC(Korea Electronics)
BZX84C2V0 KEC-BZX84C2V0 Datasheet
363Kb / 3P
SEMICONDUCTOR
logo
Jinan Jing Heng Electro...
BZX84C2V0 JINGHENG-BZX84C2V0 Datasheet
92Kb / 3P
0.35 SILICON PLANAR ZENER DIODES
More results


Similar Description - BZX84C_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A Datasheet
85Kb / 2P
1.0 Watt Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
1N53 ONSEMI-1N53_13 Datasheet
135Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com