Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD441DPLR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESD441DPLR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESD441DPLR-TP
Download  ESD441DPLR-TP Download
File Size   1025.72 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Uni-directional Ultra-Low Capacitance ESD Protection

ESD441DPLR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD441DPLR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESD441DPLR-TP
Download  ESD441DPLR-TP Click to download

File Size   1025.72 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Uni-directional Ultra-Low Capacitance ESD Protection

ESD441DPLR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESD441DPLR-TP Product details

Features

® Ultra small package: 0.6x0.3x0 3mm

@ Ultra low capacitance:0.5pF typical

© Ultra low leakage: nA level

@ Low operating voltage: 5 5V

® Low clamping voltage

® 2-pin leadless package

® Complies with following standards:

® — [EC 61000-4-2 (ESD) immunity test
Air discharge: +25kV/
Contact discharge: £15kV

@ — [EC61000-4-5 (Lightning)3A (8/20 is)

© RoHS Compliant

® Lead Finish: NiPdAu




Similar Part No. - ESD441DPLR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD441DPLR TI-ESD441DPLR Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD441DPLR TI2-ESD441DPLR Datasheet
827Kb / 15P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD441DPLR TI2-ESD441DPLR Datasheet
1Mb / 21P
ESD441 1-Channel ±30kV Unidirectional ESD Diode in an 0201 and 0402 Package
REVISED DECEMBER 2025
ESD441DPLR.B TI2-ESD441DPLR.B Datasheet
827Kb / 15P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD441DPLR.B TI2-ESD441DPLR.B Datasheet
1Mb / 21P
ESD441 1-Channel ±30kV Unidirectional ESD Diode in an 0201 and 0402 Package
REVISED DECEMBER 2025
More results


Similar Description - ESD441DPLR-TP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD0P2RF-02LRHE6327 INFINEON-ESD0P2RF-02LRHE6327 Datasheet
1Mb / 17P
Bi-directional Ultra-low Capacitance ESD / Transient Protection Diode
Rev. 1.2, 2012-10-01
ESD3V3XU1BL INFINEON-ESD3V3XU1BL Datasheet
1Mb / 15P
Bi-directional Ultra Low Capacitance ESD / Transient Protection Diode
Revision 1.3, 2013-09-11
logo
FutureWafer Tech Co.,Lt...
FESD05LCD-0.8PF FUTUREWAFER-FESD05LCD-0.8PF Datasheet
613Kb / 5P
Uni-directional, Extra Low Capacitance ESD Protection
logo
Infineon Technologies A...
ESD5V3U2U-03F INFINEON-ESD5V3U2U-03F_13 Datasheet
1Mb / 18P
Uni-directional Ultra Low ESD / Transient Protection Diode
Revision 1.3, 2013-08-16
ESD5V3U1U-02LS INFINEON-ESD5V3U1U-02LS_11 Datasheet
1Mb / 21P
Uni-directional Ultra-Low Capacitance ESD / Transient Protection Diode
Revision 1.0, 2011-05-27
logo
SeCoS Halbleitertechnol...
KS05BL04 SECOS-KS05BL04 Datasheet
233Kb / 3P
90W, 5V Low Capacitance ESD Protection (Uni-directional)
logo
FutureWafer Tech Co.,Lt...
FESD05LCD FUTUREWAFER-FESD05LCD Datasheet
613Kb / 5P
Uni-directional, Extra Low Capacitance ESD Protection
logo
TECH PUBLIC Electronics...
ESD5V3U04-0201 TECHPUBLIC-ESD5V3U04-0201 Datasheet
1Mb / 4P
Uni-directional Ultra Low Capacitance ESD
logo
Shanghai Leiditech Elec...
ESD9D12V LEIDITECH-ESD9D12V Datasheet
251Kb / 3P
Ultra Low Capacitance Uni-Directional TVS Diode
logo
First Silicon Co., Ltd
FTV05CUDFN1006 FS-FTV05CUDFN1006 Datasheet
316Kb / 3P
Uni-directional ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com