Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK5C33216A Datasheet (PDF) - Texas Instruments

LMK5C33216A Datasheet PDF - Texas Instruments
Part # LMK5C33216A
Download  LMK5C33216A Download
File Size   5654.94 Kbytes
Page   97 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK5B12212 1-DPLL 2-APLL 2-IN 12-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications

LMK5C33216A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK5C33216A Datasheet PDF - Texas Instruments

Part # LMK5C33216A
Download  LMK5C33216A Click to download

File Size   5654.94 Kbytes
Page   97 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK5B12212 1-DPLL 2-APLL 2-IN 12-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications

LMK5C33216A Datasheet (HTML) - Texas Instruments


LMK5C33216A Product details

1 Features
• Ultra-low jitter BAW VCO based Ethernet clocks
– 13fs typical RMS jitter at 625MHz with 4MHz 1st
order high-pass filter (HPF)
– 24fs typical RMS jitter at 312.5MHz with 4MHz
1st order HPF
– 42fs typical/ 60fs maximum RMS jitter at
312.5MHz
– 47fs typical/ 65fs maximum RMS jitter at
156.25MHz
• 1 high-performance Digital Phase Locked Loop
(DPLL) with 2 Analog Phase Locked Loops
(APLLs)
– Programmable DPLL loop filter bandwidth from
1mHz to 4kHz
– < 1ppt DCO frequency adjustment step size
• 2 differential or single-ended DPLL inputs
– 1Hz (1PPS) to 800MHz input frequency
– Digital Holdover and Hitless Switching
• 12 differential outputs with programmable HSDS,
AC-LVPECL, LVDS and HSCL formats
– Up to 16 total frequency outputs when
configured with 6 LVCMOS frequency outputs
on OUT0_P/N, OUT1_P/N, GPIO1 and GPIO2
and 10 differential outputs on OUT2_P/N to
OUT11_P/N
– 1Hz (1PPS) to 1250MHz output frequency with
programmable swing and common mode
– PCIe Gen 1 to 6 compliant
• I2C or 3-wire/4-wire SPI

2 Applications
• Wired networking
– Inter/Intra DC interconnect
– Timing card, line card, fixed card (pizza box)
• SyncE (G.8262), SONET/SDH (Stratum 3/3E,
G.813, GR-1244, GR-253), IEEE-1588 PTP
secondary clock
• Jitter cleaning, wander attenuation, and reference
clock generation for 112G/224G PAM-4 SerDes
• 100G-800G data center switches, core routers,
edge routers, WLAN
• Data center and enterprise computing
– Smart Network Interface Card (NIC)
• Optical Transport Networks (OTN G.709)
• Broadband fixed line access
• Industrial
– Test and measurement
– Medical imaging

3 Description
The LMK5B12212 is a high-performance network
synchronizer and jitter cleaner designed to meet the
stringent requirements of ethernet-based networking
applications with < 5ns timing accuracy (class D).
The network synchronizer integrates a DPLL to
provide hitless switching and jitter attenuation with
programmable loop bandwidth (LBW) and no external
loop filters, maximizing flexibility and ease of use. The
DPLL phase locks an integrated APLL to the provided
reference input.
APLL1 features an ultra high performance PLL
with TI's proprietary Bulk Acoustic Wave (BAW)
technology (known as the BAW APLL) and can
generate 312.5MHz output clocks with 42fs typical /
60fs maximum RMS jitter irrespective of the DPLL
reference input frequency and jitter characteristics.
APLL2 provides for a second frequency and/or
synchronization domain.
Reference validation circuitry monitors the DPLL
reference clocks and performs a hitless switch
between inputs upon detecting a switchover event.
Zero-Delay Mode (ZDM) and phase cancellation can
be enabled to control the phase relationship from
input to outputs.
The device is fully programmable through I2C or SPI.
The integrated EEPROM can be used to customize
system start-up clocks. The device also features
factory default ROM profiles as fallback options.




Similar Part No. - LMK5C33216A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK5C33216A TI1-LMK5C33216A Datasheet
4Mb / 99P
LMK5C33216A Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
DECEMBER 2023
LMK5C33216A TI2-LMK5C33216A Datasheet
4Mb / 107P
LMK5C23208A 2-DPLL 3-APLL 2-IN 8-OUT Network Synchronizer With JED204B/ JED204C and BAW VCO for Wireless Communications
MAY 2025
LMK5C33216ARGCR TI1-LMK5C33216ARGCR Datasheet
4Mb / 99P
LMK5C33216A Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
DECEMBER 2023
LMK5C33216ARGCRS1 TI1-LMK5C33216ARGCRS1 Datasheet
4Mb / 99P
LMK5C33216AS1 Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
JANUARY 2024
LMK5C33216ARGCT TI1-LMK5C33216ARGCT Datasheet
4Mb / 99P
LMK5C33216A Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
DECEMBER 2023
More results


Similar Description - LMK5C33216A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30108 ZARLINK-ZL30108 Datasheet
531Kb / 28P
Network Interface DPLL
logo
List of Unclassifed Man...
TRAVELERC6 ETC2-TRAVELERC6 Datasheet
503Kb / 4P
2 (C6) 3-prong connectors, in-line surge suppressor with 1 in/1 out tel/modem/ethernet combo
logo
Allied Components Inter...
AT3973I ALLIED-AT3973I Datasheet
921Kb / 1P
Ethernet based LAN, WAN and other networking applications
logo
Schneider Electric
NY321L2RB1 SCHNEIDER-NY321L2RB1 Datasheet
101Kb / 2P
Intrinsically processing module 2 in 1 out for solenoid valve and 2 recopying
NOV 30, 2021
logo
Analog Devices
AD9546 AD-AD9546 Datasheet
2Mb / 205P
Dual DPLL Digitized Clock Synchronizer
10/2020-Revision 0
logo
Texas Instruments
LMK5B33216 TI-LMK5B33216 Datasheet
4Mb / 90P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
MARCH 2022
LMK5B33216 TI-LMK5B33216_V01 Datasheet
6Mb / 102P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
REVISED JULY 2022
LMK5B33414 TI-LMK5B33414 Datasheet
6Mb / 102P
LMK5B33414 3-DPLL, 3-APLL, 4-IN, 14-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
SEPTEMBER 2022
LMK5C33216A TI1-LMK5C33216A Datasheet
4Mb / 99P
LMK5C33216A Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
DECEMBER 2023
LMK5C33414A TI1-LMK5C33414A Datasheet
4Mb / 99P
LMK5C33414A Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com