Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP61CC2502S3 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP61CC2502S3 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP61CC2502S3
Download  TP61CC2502S3 Download
File Size   1656.19 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low power consumption and high-precision voltage detection

TP61CC2502S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP61CC2502S3 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP61CC2502S3
Download  TP61CC2502S3 Click to download

File Size   1656.19 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low power consumption and high-precision voltage detection

TP61CC2502S3 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP61CC2502S3 Product details

Features
« Output voltage accuracy: + 2%
o Static working current: 2uA.
« Detection voltage range: 1.0-5.0V (100mV step)
o Operating voltage range: 0.7V~6.5V
« Output compatibility application:
‘CMOS or N-channel open drain




Similar Part No. - TP61CC2502S3

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
TP613 HIGHLY-TP613 Datasheet
394Kb / 4P
PUSH SWITCHES
logo
TECH PUBLIC Electronics...
TP6130LS6-A TECHPUBLIC-TP6130LS6-A Datasheet
4Mb / 7P
1.2A, 30V Input Synchronous Step Down Regulator
logo
Highly Electric Co., Lt...
TP614 HIGHLY-TP614 Datasheet
1,020Kb / 2P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
More results


Similar Description - TP61CC2502S3

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N60 NJSEMI-1N60 Datasheet
75Kb / 1P
Low forward voltage drop - low power consumption
logo
Rohm
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
High accuracy detection, low current consumption
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
High accuracy detection, Ultra-low current consumption
logo
List of Unclassifed Man...
HP03S ETC2-HP03S Datasheet
200Kb / 7P
Low voltage, low power consumption
logo
ALPS ELECTRIC CO.,LTD.
HSPPA ALPS-HSPPA Datasheet
184Kb / 1P
Industry-lowest current consumption and high sensing precision
logo
Taoglas antenna solutio...
GRS.01.A.024KSSX1 TAOGLAS-GRS.01.A.024KSSX1 Datasheet
1Mb / 12P
Combines low power consumption and high sensitivity
logo
Shenzhen Huazhimei Semi...
DW01E HMSEMI-DW01E Datasheet
348Kb / 12P
High precision voltage detection circuit
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
Built-in high-precision voltage detection circuit
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
Built-in high-precision voltage detection circuit and built-in MOSFET
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
built-in high-precision voltage detection circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com