Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

385A Datasheet (PDF) - Automatic Timing & Controls, Inc.

385A Datasheet PDF - Automatic Timing & Controls, Inc.
Part # 385A
Download  385A Download
File Size   450.07 Kbytes
Page   4 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description Timer/Counter with Memory

385A Datasheet (PDF)

Go To PDF Page Download Datasheet
385A Datasheet PDF - Automatic Timing & Controls, Inc.

Part # 385A
Download  385A Click to download

File Size   450.07 Kbytes
Page   4 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description Timer/Counter with Memory

385A Datasheet (HTML) - Automatic Timing & Controls, Inc.


385A Product details

• EEPROM Memory
• Easy DIP Switch Setup
• Three Adjustable Presets with Internal Cycle Totalizer
• Dual LED Display with Cycle Progress
• Selectable SEC, MIN, or HRS Ranges
• Nine Timing Ranges 0 to 9.99, 99.9, 999, or HR:MIN, MIN:SEC to 99:59
• Two Counting Ranges 0 to 9999 or 10 to 99990
• Multiple Starting Options
• Dual DPDT Relays Rated at 7A @ 120 or 240 VAC
• 50-60 Hz




Similar Part No. - 385A

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
385AR ATC-385AR Datasheet
395Kb / 1P
Multifunction, Multi Range Timer Counter
385AR-100-T5X ATC-385AR-100-T5X Datasheet
395Kb / 1P
Multifunction, Multi Range Timer Counter
logo
RUBYCON CORPORATION
385AXF100M30X20 RUBYCON-385AXF100M30X20 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
385AXF120M30X20 RUBYCON-385AXF120M30X20 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
385AXF150M35X20 RUBYCON-385AXF150M35X20 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Similar Description - 385A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
Timer Counter
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
Programmable Timer/Counter
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
Multifunction Timer/Counter with
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
Multifunction Timer/Counter with
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
Timer, Counter
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
Counter/Timer/Tachometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com