Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2287C-15BML Datasheet (PDF) - Micrel Semiconductor

MIC2287C-15BML Datasheet PDF - Micrel Semiconductor
Part # MIC2287C-15BML
Download  MIC2287C-15BML Download
File Size   944.38 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23

MIC2287C-15BML Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2287C-15BML Datasheet PDF - Micrel Semiconductor

Part # MIC2287C-15BML
Download  MIC2287C-15BML Click to download

File Size   944.38 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23

MIC2287C-15BML Datasheet (HTML) - Micrel Semiconductor


MIC2287C-15BML Product details

General Description

The MIC2287C is a 1.2MHz pulse width modulated (PWM), boost-switching regulator that is optimized for constant-current, white LED driver applications. With a maximum output voltage  of  37V  and  a  switch current  of  over  500mA,  the MIC2287C easily drives a string of up to 6 white LEDs in series, ensuring uniform brightness and eliminating several ballast resistors.



Features

•  2.5V to 10V input voltage

•  Output voltage up to 34V

•  Over 500mA switch current

•  1.2 MHz PWM operation

•  95mV feedback voltage

•  Output Overvoltage Protection (OVP)

•  Options for 15V, 24V, and 34V OVP

•  Over-temperature protection

•  UVLO

•  Low profile Thin SOT-23-5 package option

•  8-lead 2mm × 2mm MLF™ package option

•  –40°C to +105°C junction temperature range

•  For higher performance specifications see the MIC2287



Applications

•  White LED driver for backlighting:

  - Cell phones

 - PDAs

  - GPS systems

  - Digital cameras

  - MP3 players

  - IP phones

•  LED flashlights




Similar Part No. - MIC2287C-15BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287C-15BML MICREL-MIC2287C-15BML Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287C-15BML MICREL-MIC2287C-15BML Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Similar Description - MIC2287C-15BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Micrel Semiconductor
MIC2288 MICREL-MIC2288_05 Datasheet
253Kb / 11P
1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com