Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1225375 Datasheet (PDF) - PHOENIX CONTACT

1225375 Datasheet PDF - PHOENIX CONTACT
Part # 1225375
Download  1225375 Download
File Size   182.08 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 22,5 TBUS 1,5/ 5-ST-3,81 YE - 1PCS - DIN rail bus connectors

1225375 Datasheet (PDF)

Go To PDF Page Download Datasheet
1225375 Datasheet PDF - PHOENIX CONTACT

Part # 1225375
Download  1225375 Click to download

File Size   182.08 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 22,5 TBUS 1,5/ 5-ST-3,81 YE - 1PCS - DIN rail bus connectors

1225375 Datasheet (HTML) - PHOENIX CONTACT


1225375 Product details

DIN rail connector, nominal current: 8 A (parallel contacts), rated voltage (III/2): 125 V, number of
positions: 5, pitch: 3.81 mm, color: yellow, mounting: DIN rail, item with gold-plated contacts, bus
connector for connecting to electronics housings, 5 parallel contacts




Similar Part No. - 1225375

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
1225 DALLAS-1225 Datasheet
147Kb / 10P
64k Nonvolatile SRAM
logo
Schurter Inc.
1225 SCHURTER-1225 Datasheet
180Kb / 1P
Appliance Inlet for Low Voltage, Screw-on Mounting, Rear Side, Solder Terminal
logo
Yantel Corporation
1225 YANTEL-1225 Datasheet
93Kb / 2P
Variable RF Inductor
logo
ASSUN MOTOR Pte Ltd.
1225 ASSUN-1225 Datasheet
275Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
1225 ASSUN-1225 Datasheet
227Kb / 1P
STANDARD SERIES
2023-A
More results


Similar Description - 1225375

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201732 PHOENIX-2201732 Datasheet
44Kb / 2P
Electronic housing - ME 22,5 TBUS 1,5/4P1S KMGY
2201813 PHOENIX-2201813 Datasheet
66Kb / 2P
DIN rail bus connectors - ME 18,8 TBUS 1,5/5-ST-3,81KMGY
2279033 PHOENIX-2279033 Datasheet
44Kb / 2P
Electronic housing - ME TBUS PST 1,5/ 5-3,81
2201757 PHOENIX-2201757 Datasheet
62Kb / 2P
DIN rail bus connectors - ME 17,5 TBUS ADAPTER KMGY
2707437 PHOENIX-2707437 Datasheet
150Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 G
2709561 PHOENIX-2709561 Datasheet
151Kb / 4P
Electronic housing - ME 17,5 TBUS 1,5/ 5-ST-3,81 GN
2200244 PHOENIX-2200244 Datasheet
77Kb / 6P
DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 YE
2201756 PHOENIX-2201756 Datasheet
62Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS ADAPTER KMGY
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890124 PHOENIX-2890124 Datasheet
50Kb / 2P
Electronic housing - ME BUS 22,5 MC 5-ST KMGY
11/05/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com