Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8003-H Datasheet (PDF) - Toshiba Semiconductor

TPCP8003-H Datasheet PDF - Toshiba Semiconductor
Part # TPCP8003-H
Download  TPCP8003-H Download
File Size   248.62 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)

TPCP8003-H Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCP8003-H Datasheet PDF - Toshiba Semiconductor

Part # TPCP8003-H
Download  TPCP8003-H Click to download

File Size   248.62 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)

TPCP8003-H Datasheet (HTML) - Toshiba Semiconductor


TPCP8003-H Product details

High Efficiency DC/ DC Converter Applications
Notebook PC Applications
Portable Equipment Applications

• Small footprint due to a small and thin package
• High speed switching
• Small gate charge: QSW = 7.5 nC (typ.)
• Low drain-source ON-resistance: RDS (ON) = 130 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 5.4 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 100V)
• Enhancement mode: Vth = 1.1 to 2.3 V (VDS = 10 V, ID = 1mA)




Similar Part No. - TPCP8003-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - TPCP8003-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
296Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPCA8014-H TOSHIBA-TPCA8014-H Datasheet
41Kb / 4P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com