Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8102 Datasheet (PDF) - Toshiba Semiconductor

TPCP8102 Datasheet PDF - Toshiba Semiconductor
Part # TPCP8102
Download  TPCP8102 Download
File Size   238.24 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??

TPCP8102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCP8102 Datasheet PDF - Toshiba Semiconductor

Part # TPCP8102
Download  TPCP8102 Click to download

File Size   238.24 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??

TPCP8102 Datasheet (HTML) - Toshiba Semiconductor


TPCP8102 Product details

Notebook PC Applications
Portable Equipment Applications

• Small footprint due to small and thin package
• Low drain-source ON-resistance: RDS (ON) = 13.5 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 24 S (typ.)
• Low leakage current: IDSS = -10 μA (max) (VDS = -20 V)
• Enhancement model: Vth = -0.45 to -1.2 V
                                     (VDS = -10 V, ID = -200 μA)




Similar Part No. - TPCP8102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8102 TOSHIBA-TPCP8102 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - TPCP8102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com