Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1205EXD33 Datasheet (PDF) - Littelfuse

LS1205EXD33 Datasheet PDF - Littelfuse
Part # LS1205EXD33
Download  LS1205EXD33 Download
File Size   907.87 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp

LS1205EXD33 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS1205EXD33 Datasheet PDF - Littelfuse

Part # LS1205EXD33
Download  LS1205EXD33 Click to download

File Size   907.87 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp

LS1205EXD33 Datasheet (HTML) - Littelfuse


LS1205EXD33 Product details

Features & Benefits
■ Wide Input Voltage Range
from 2.7V to 18V
■ LS1205EV: External
Selectable Input Range and
Clamping Output Voltage
Threshold
■ LS1205EF: Open Drain Fault
Indicator FAULT
■ Output Discharging Function
■ Integrate a 25mΩ Low
RDS(ON) Protection Switch

■ External Programmable Soft-
Start Time
■ External Programmable
Current Limit up to 5A
■ Short-circuit Protection
■ Enable Control Pin
■ Thermal Shutdown Protection
& Auto Recovery
■ DFN3×3_10L Package
■ Pb-Free RoHS compliant




Similar Part No. - LS1205EXD33

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
More results


Similar Description - LS1205EXD33

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
12V, 5A Programmable Current Limit Switch
MP5010A MPS-MP5010A Datasheet
808Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
MP5010B MPS-MP5010B Datasheet
520Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
MP5011 MPS-MP5011 Datasheet
833Kb / 12P
12V, 5A Switch with Programmable Current Limit
logo
Texas Instruments
TPS25200 TI1-TPS25200 Datasheet
3Mb / 31P
5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
logo
Monolithic Power System...
MP5000S MPS-MP5000S Datasheet
775Kb / 13P
12V, 5A Programmable Current Limit Switch
MP5018 MPS-MP5018 Datasheet
563Kb / 15P
5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com