Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCS8213 Datasheet (PDF) - Toshiba Semiconductor

TPCS8213 Datasheet PDF - Toshiba Semiconductor
Part # TPCS8213
Download  TPCS8213 Download
File Size   208.89 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Lithium Ion Battery Applications

TPCS8213 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCS8213 Datasheet PDF - Toshiba Semiconductor

Part # TPCS8213
Download  TPCS8213 Click to download

File Size   208.89 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Lithium Ion Battery Applications

TPCS8213 Datasheet (HTML) - Toshiba Semiconductor


TPCS8213 Product details

Lithium Ion Battery Applications

• Small footprint due to a small and thin package
• Low drain-source ON-resistance: RDS (ON) = 8.4 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 13 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 20 V)
• Enhancement-mode: Vth = 0.5~1.4 V (VDS = 10 V, ID = 200 μA)
• Common drain




Similar Part No. - TPCS8213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210 Datasheet
426Kb / 7P
SILICON N CHANNEL MOS TYPE LITHIUM BATTERY APPLICATIONS
TPCS8210 TOSHIBA-TPCS8210 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8211 TOSHIBA-TPCS8211 Datasheet
209Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Similar Description - TPCS8213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
LITHIUM ION BATTERY APPLICATIONS
TPCS8208 TOSHIBA-TPCS8208_07 Datasheet
193Kb / 7P
Lithium Ion Battery Applications
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
Lithium Ion Battery Applications
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
Lithium Ion Battery Applications
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com