Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7348F Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX7348F Datasheet PDF - Texas Instruments
Part # TMUX7348F
Download  TMUX7348F Download
File Size   1884.11 Kbytes
Page   54 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold

TMUX7348F Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX7348F Datasheet PDF - Texas Instruments

Part # TMUX7348F
Download  TMUX7348F Click to download

File Size   1884.11 Kbytes
Page   54 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold

TMUX7348F Datasheet (HTML) - Texas Instruments


TMUX7348F Product details

1 Features
• VID V62/24625
• Supports defense, aerospace, and medical
applications
– Controlled baseline
– One fabrication, assembly, and test site
– Military temperature range: -55°C to 125°C TA
– Extended product life cycle
• Wide supply range:
– Dual supply: ±5V to ±22V
– Single supply: 8V to 44V
• Integrated fault protection:
– Overvoltage protection, source to supplies or
source to drain: ±85V
– Overvoltage protection: ±60V
– Power-off protection: ±60V
– Adjustable overvoltage triggering thresholds
• VFP: 3V toVDD, VFN: 0V to VSS
– Interrupt flags to indicate overall and specific
fault channel information
– Non-fault channels continue to operate with low
leakage currents
• Latch-up immunity by device construction
• 1.8V Logic capable
• Fail-safe logic: up to 44V independent of supply
• Break-before-make switching
• Industry-standard TSSOP package

2 Applications
• Aircraft cockpit display
• Flight control unit
• Radar
• Sonar
• Electronic warfare
• Seeker front end

3 Description
The TMUX7348F-EP is a modern complementary
metal-oxide semiconductor (CMOS) analog
multiplexer in an 8:1 (single ended) configuration. This
device works well with dual supplies (±5V to ±22V),
a single supply (8V to 44V), or asymmetric supplies
(such as VDD = 12V, VSS = –5V). The overvoltage
protection is available in powered and powered-off
conditions, making the TMUX7348F-EP suitable for
applications where power supply sequencing cannot
be precisely controlled.
This device blocks fault voltages up to +60V and
–60V relative to ground in both powered and
powered-off conditions. When no power supplies are
present, the switch channels remain in the OFF
state regardless of switch input conditions and logic
control status. Under normal operation conditions, if
the analog input signal level on any Sx pin exceeds
positive fault supply (VFP) or negative fault supply
(VFN) by a threshold voltage (VT), the channel turns
OFF and the Sx pin becomes high impedance. When
the fault channel is selected, the drain pin (D or Dx)
is pulled to the fault supply voltage (VFP or VFN) that
was exceeded. The devices provide two active-low
interrupt flags (FF and SF) to provide details of the
fault. The FF flag indicates if any of the source inputs
are experiencing a fault condition, while the SF flag is
used to decode which specific inputs are experiencing
a fault condition.
The low capacitance, low charge injection, and
integrated fault protection enables the TMUX7348FEP
to be used in front end data acquisition
applications where high performance and high
robustness are both critical.




Similar Part No. - TMUX7348F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7348F TI-TMUX7348F Datasheet
3Mb / 59P
TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
MARCH 2022
TMUX7348F TI-TMUX7348F Datasheet
3Mb / 60P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7348F TI1-TMUX7348F Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
TMUX7348FPWR TI1-TMUX7348FPWR Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
TMUX7348FRTJR TI-TMUX7348FRTJR Datasheet
3Mb / 59P
TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
MARCH 2022
More results


Similar Description - TMUX7348F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX368 MAXIM-MAX368 Datasheet
406Kb / 11P
Fault-Protected Analog Multiplexer with Latch
19-0982; Rev 1; 7/96
logo
Maxwell Technologies
358RPFS MAXWELL-358RPFS Datasheet
122Kb / 9P
8-Channel Fault-Protected Analog Multiplexer
logo
Analog Devices
ADG528FBNZ AD-ADG528FBNZ Datasheet
286Kb / 16P
8-Channel Fault-Protected Analog Multiplexer
Rev. F
logo
Texas Instruments
TMUX7462F TI-TMUX7462F Datasheet
1Mb / 30P
TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
TMUX7462F TI-TMUX7462F_V01 Datasheet
2Mb / 37P
TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
OCTOBER 2021
TMUX7348F TI-TMUX7348F Datasheet
3Mb / 59P
TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
MARCH 2022
TMUX7348F TI-TMUX7348F_V01 Datasheet
3Mb / 60P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX582F-SEP TI-TMUX582F-SEP Datasheet
1Mb / 39P
TMUX582F-SEP ±60-V Protected, Latch-up Immune 8:1 Multiplexer with Adjustable Fault Thresholds in Space Enhanced Plastic
JUNE 2023
TMUX7348F TI1-TMUX7348F_V02 Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
TMUX7462F TI1-TMUX7462F_V02 Datasheet
1Mb / 44P
TMUX7462F ±60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com