Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV721LS5 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPV721LS5 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPV721LS5
Download  TPV721LS5 Download
File Size   2996.83 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8-MHz Rail-to-Rail 1/0 OPERATIONAL AMPLIFIERS

TPV721LS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPV721LS5 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPV721LS5
Download  TPV721LS5 Click to download

File Size   2996.83 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8-MHz Rail-to-Rail 1/0 OPERATIONAL AMPLIFIERS

TPV721LS5 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPV721LS5 Product details

Features

« Supply Range: 2.2Vt05.5V

« Supply Current: 510pAlch

o Input Offset Voltage: 2.5mV (MAX)

o Gain Bandwidth: 8MHz

o Rail-to-Rail Input and Output

o Slew rate: 6.5V/ys

« Operating Temperature: -40°C ~ +85°C
o Type Package:SOT23-5
Applications

Temperature Sensors

o Battery-Powered Instruments

'» Smoke/Gas/Environment Sensors
Medical Equipment

Portable Instruments and Mobile Device
Active Filters

Piezo Electrical Transducer Amplifier
Sensor Interface

o Handheld Test Equipment




Similar Part No. - TPV721LS5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPV721LC5 TECHPUBLIC-TPV721LC5 Datasheet
2Mb / 6P
8-MHz Rail-to-Rail 1/0 OPERATIONAL AMPLIFIERS
More results


Similar Description - TPV721LS5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
8 MHz Rail-to-Rail Operational Amplifiers
2/03-Data Sheet changed from REV. B to REV. C.
AD8519 AD-AD8519_07 Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
OP162 AD-OP162_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262 AD-OP262_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP462 AD-OP462_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
logo
Texas Instruments
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com