Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG10X06T1 Datasheet (PDF) - StarPower Europe AG

DG10X06T1 Datasheet PDF - StarPower Europe AG
Part # DG10X06T1
Download  DG10X06T1 Download
File Size   347.31 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 600V/10A IGBT with Diode

DG10X06T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG10X06T1 Datasheet PDF - StarPower Europe AG

Part # DG10X06T1
Download  DG10X06T1 Click to download

File Size   347.31 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 600V/10A IGBT with Diode

DG10X06T1 Datasheet (HTML) - StarPower Europe AG


DG10X06T1 Product details

General Description
DOSEMI IGBT Power Discrete provides ultra low conduction loss as well as low switching loss They are designed for the applications such as general inverters and UPS.

Features
 Low V CE(sat) Fast IGBT technology
 Low switching loss
 Maximum junction temperature 175 o C
 V CE(sat) with positive temperature coefficient
 Fast & soft reverse recovery anti parallel FWD
 Lead free package

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - DG10X06T1

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
DG10X12T2 STARPOWER-DG10X12T2 Datasheet
479Kb / 9P
1200V/10A IGBT with Diode
11/5/2021
More results


Similar Description - DG10X06T1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI10F-060 FUJI-6MBI10F-060 Datasheet
126Kb / 4P
IGBT (600V 10A)
6MBI10L-060 FUJI-6MBI10L-060 Datasheet
123Kb / 3P
IGBT MODULE(600V 10A)
logo
IXYS Corporation
IXGH30N60C3D1 IXYS-IXGH30N60C3D1 Datasheet
215Kb / 7P
GenX3 600V IGBT with Diode
IXGH36N60A3D4 IXYS-IXGH36N60A3D4 Datasheet
204Kb / 7P
GenX3 600V IGBT with Diode
IXGH48N60A3D1 IXYS-IXGH48N60A3D1 Datasheet
169Kb / 7P
GenX3 600V IGBT with Diode
logo
Alpha & Omega Semicondu...
AOB10B60D AOSMD-AOB10B60D Datasheet
593Kb / 9P
600V, 10A Alpha IGBT with Diode
AOK10B60D AOSMD-AOK10B60D Datasheet
651Kb / 9P
600V, 10A Alpha IGBT with Diode
AOT10B60D AOSMD-AOT10B60D Datasheet
646Kb / 9P
600V, 10A Alpha IGBT with Diode
logo
Renesas Technology Corp
RJH60A83RDPD-A0 RENESAS-RJH60A83RDPD-A0_15 Datasheet
162Kb / 9P
600V - 10A - IGBT
logo
Alpha & Omega Semicondu...
AOTF10B60D2 AOSMD-AOTF10B60D2 Datasheet
727Kb / 9P
600V, 10A Alpha IGBT TM with Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com