Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C7319 Datasheet (PDF) - Hamamatsu Corporation

C7319 Datasheet PDF - Hamamatsu Corporation
Part # C7319
Download  C7319 Download
File Size   25.88 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PREAMPLIFIER UNIT

C7319 Datasheet (PDF)

Go To PDF Page Download Datasheet
C7319 Datasheet PDF - Hamamatsu Corporation

Part # C7319
Download  C7319 Click to download

File Size   25.88 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PREAMPLIFIER UNIT

C7319 Datasheet (HTML) - Hamamatsu Corporation


C7319 Product details

The C7319 which furnishes current-to-voltage conversion circuit is designed for use with current sources like photomultiplier tubes. The C7319 has three switchable conversion ratios; 105,106 and 107 volts per ampere and also has two switchable bandwidth selections. The performances are convenient to such an application as reqiuring a low noise and high gain preamplifier.



FEATURES

• 105, 106 and 107 V/A conversion ratios

• 20 kHz and 200 kHz bandwidth with switch selecting

•Adjustable offset level with VR included

•Operatable with wide supply voltage : ±5 V to ±15 V




Similar Part No. - C7319

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7319 HAMAMATSU-C7319_15 Datasheet
148Kb / 2P
AMPLIFIER UNIT
More results


Similar Description - C7319

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8162SN TOSHIBA-TA8162SN Datasheet
329Kb / 9P
DUAL PREAMPLIFIER
logo
Rohm
BA328 ROHM-BA328 Datasheet
117Kb / 5P
Dual preamplifier
logo
Daewoo Semiconductor
DBL1010 DAEWOO-DBL1010 Datasheet
222Kb / 5P
DUAL PREAMPLIFIER
logo
InterFET Corporation
IFPA300 INTERFET-IFPA300 Datasheet
110Kb / 2P
Monolithic JFET Preamplifier
logo
Silan Microelectronics ...
SA1622 SILAN-SA1622 Datasheet
204Kb / 8P
AUDIO PREAMPLIFIER&
logo
Emcore Corporation
MAFA-1014-PA EMCORE-MAFA-1014-PA Datasheet
801Kb / 4P
Optical Preamplifier
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
2-Channel Preamplifier
August 2014 - Rev. 0
logo
Emcore Corporation
MAFA1014-PA EMCORE-MAFA1014-PA Datasheet
801Kb / 4P
Optical Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
Microphone Preamplifier
10/2016-Rev. E to Rev. F
logo
TEKTRONIX, INC.
ADA400A TEKTRONIX-ADA400A Datasheet
202Kb / 4P
Differential Preamplifier
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com