Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3429GL Datasheet (PDF) - Monolithic Power Systems

MP3429GL Datasheet PDF - Monolithic Power Systems
Part # MP3429GL
Download  MP3429GL Download
File Size   481.08 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 21A High Efficiency Fully-Integrated Synchronous Boost Converter EV Board

MP3429GL Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3429GL Datasheet PDF - Monolithic Power Systems

Part # MP3429GL
Download  MP3429GL Click to download

File Size   481.08 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 21A High Efficiency Fully-Integrated Synchronous Boost Converter EV Board

MP3429GL Datasheet (HTML) - Monolithic Power Systems


MP3429GL Product details

DESCRIPTION
EV3429-L-00A Evaluation Board is designed to
demonstrate the capability of MP3429. The
MP3429 is a 600kHz fixed frequency, wide
input range, highly integrated boost converter. It
starts from an input voltage as low as 2.7V, and
supports up to 30W load power from 1-cell
battery.
MP3429 adopts constant-off-time (COT) control
topology providing fast transient response. One
MODE pin supports mode selection of PSM,
FCCM and USM in light load condition. And the
integrated LS and HS MOSFET simplify the
design and save BOM cost.
The MP3429 also features with programmable
input UVLO and over temperature protection.
The MP3429 is available in a 13-pin 3mmx4mm
QFN package.

FEATURES
 2.7V-to-13V Startup Voltage
 0.8V-to-13V Operation Voltage
 Up to 16V Output Voltage
 Support 30W Average Power Load and
40W Peak Power Load from 3.3V
 21.5A Internal Switch Current Limit
 Integrated 6.5mΩ & 10mΩ Power MOSFET
 >95% Efficiency for 3.6V VIN to 9V/3A
 Selectable PSM, >23kHz USM, and FCCM
Mode in Light Load Condition
 600kHz Fixed Switching Frequency
 Adaptive COT for Fast Transient Response
 External Soft Start and Compensation Pin
 Programmable UVLO and Hysteresis
 150 ℃ Over Temperature Protection
 Available in 3x4mm QFN-13 Package
APPLICATIONS
 Notebook
 Bluetooth Speaker
 Portable POS System
 Quick Charger Power Bank




Similar Part No. - MP3429GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3429GL MPS-MP3429GL Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
MP3429GL MPS-MP3429GL Datasheet
551Kb / 4P
2.7V - 13V Input, 1A, Step-Up Power Supply
MP3429GL-P MPS-MP3429GL-P Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
More results


Similar Description - MP3429GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
MP3431 MPS-MP3431 Datasheet
973Kb / 25P
21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter with Programmable Input Current Limit
EV3908DK-00B MPS-EV3908DK-00B Datasheet
260Kb / 5P
High Efficiency Synchronous Boost Converter EV Board
EV3900DK-00F MPS-EV3900DK-00F Datasheet
188Kb / 4P
High Efficiency Boost Controller EV Board
EV6902-S-00B MPS-EV6902-S-00B Datasheet
193Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6903DS-00A MPS-EV6903DS-00A Datasheet
186Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6920-N-00A MPS-EV6920-N-00A Datasheet
142Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6922DS-00A MPS-EV6922DS-00A Datasheet
176Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6924-S-00A MPS-EV6924-S-00A Datasheet
325Kb / 5P
High Efficiency Synchronous Rectification EV Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com