Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4570GF Datasheet (PDF) - Monolithic Power Systems

MPQ4570GF Datasheet PDF - Monolithic Power Systems
Part # MPQ4570GF
Download  MPQ4570GF Download
File Size   1368.69 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified

MPQ4570GF Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ4570GF Datasheet PDF - Monolithic Power Systems

Part # MPQ4570GF
Download  MPQ4570GF Click to download

File Size   1368.69 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified

MPQ4570GF Datasheet (HTML) - Monolithic Power Systems


MPQ4570GF Product details

DESCRIPTION
The MPQ4570 is a frequency programmable
step-down switching converter with integrated
internal high-side and low side power MOSFETs.
It can provide 3A continuous output current with
peak current control for excellent transient
response and efficiency performance.
The wide 4.5V to 55V input voltage range
accommodates a variety of step down
applications, including those applications in
industrial, PoE, automotive and printer with DC
high voltage bus.
The MPQ4570 uses peak current mode control to
regulate the output voltage. The chip provides
over current protection with valley current
detection which is used to avoid current running
way. Also it has accurate and reliable over
voltage protection, and auto recovery thermal
protection. In addition, the optional external soft
start is available. Enable and power good
indication function can be used to power track
easily. In order to increase the efficiency,
MPQ4570 will automatically scaling down the
switching frequency when load is light.
Meanwhile, the low side MOSFET will be turned
off to reduce driver loss when zero inductor
current is detected. MPQ4570 also features as
a fully integrated solution with both high side
and low side power MOSFETs. Synchronous
operation mode with integrated low side
MOSFET is much helpful to reduce the
conduction loss and also beneficial to reduce
external components space and save the cost.
The MPQ4570 is available in a TSSOP-20 EP
with exposed pad package.

FEATURES
 Wide Input Voltage Range: 4.5V to 55V
 90mΩ and 70mΩ Internal High and Low
Power MOSFETs
 Peak Current Mode Control
 Programmable Switching Frequency
 Stable Independent on Output Capacitors
 Optional External Soft Start
 OCP Protection with Valley Current
Detection
 Support External SYNC Clock
 OVP Protection
 Current Limit Decreasing during Output
Short for Better Thermal Performance
 Power Good Indication
 Thermal Shutdown Protection
 Available in a TSSOP-20 EP Package.
 Available in AEC-Q100 Grade 1
APPLICATIONS
 PoE Input Non-isolated Buck
 Industrial Power Systems
 Printers and Scanners
 Automotive Power Systems
 Distributed Power Systems




Similar Part No. - MPQ4570GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4570GF MPS-MPQ4570GF Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4570GF-AEC1 MPS-MPQ4570GF-AEC1 Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
More results


Similar Description - MPQ4570GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4558 MPS-MPQ4558 Datasheet
527Kb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4570 MPS-MPQ4570 Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4575 MPS-MP4575 Datasheet
1Mb / 22P
5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
MPQ3425-AEC1 MPS-MPQ3425-AEC1 Datasheet
808Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
MPQ3425 MPS-MPQ3425 Datasheet
1Mb / 28P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
Rev. 1.1 7/6/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com