Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM170S12TDRB Datasheet (PDF) - StarPower Europe AG

DM170S12TDRB Datasheet PDF - StarPower Europe AG
Part # DM170S12TDRB
Download  DM170S12TDRB Download
File Size   733.3 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/17mΩ SIC Mosfet without Diode

DM170S12TDRB Datasheet (PDF)

Go To PDF Page Download Datasheet
DM170S12TDRB Datasheet PDF - StarPower Europe AG

Part # DM170S12TDRB
Download  DM170S12TDRB Click to download

File Size   733.3 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/17mΩ SIC Mosfet without Diode

DM170S12TDRB Datasheet (HTML) - StarPower Europe AG


DM170S12TDRB Product details

General Description
DOSEMI MOSFET Power Discrete provides ultra low conduction loss as well as low switching loss. They are designed for the applications such as hybrid and electric vehicle.

Features
 SiC power MOSFET
 Low RDS(on)
 Chip sintering technology
 Low inductance case avoid oscillations
 ROHS

Typical Applications
 Automotive application
 Hybrid and electric vehicle
 Inverter for motor drive




Similar Part No. - DM170S12TDRB

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
Mica Capacitors
logo
Pepperl+Fuchs Inc.
DM10-10NDFEB PF-DM10-10NDFEB Datasheet
341Kb / 2P
Magnet
logo
Extech Instruments Corp...
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
logo
Power-One
DM1001-7R POWER-ONE-DM1001-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results


Similar Description - DM170S12TDRB

ManufacturerPart #DatasheetDescription
logo
UnitedSiC.
UJ2D1205T UNITEDSIC-UJ2D1205T Datasheet
517Kb / 4P
5A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ2D1220K UNITEDSIC-UJ2D1220K Datasheet
520Kb / 4P
20A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ2D1230K UNITEDSIC-UJ2D1230K Datasheet
517Kb / 4P
30A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D1202TS UNITEDSIC-UJ3D1202TS Datasheet
302Kb / 6P
2A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210K2 UNITEDSIC-UJ3D1210K2 Datasheet
310Kb / 6P
10A -1200V SiC Schottky Diode
Rev. B, April 2020
UJ3D1210KS UNITEDSIC-UJ3D1210KS Datasheet
326Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210KSD UNITEDSIC-UJ3D1210KSD Datasheet
332Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210TS UNITEDSIC-UJ3D1210TS Datasheet
311Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1250K UNITEDSIC-UJ3D1250K Datasheet
329Kb / 6P
50A -1200V SiC Schottky Diode
Rev. D, May 2020
UJ3D1250K2 UNITEDSIC-UJ3D1250K2 Datasheet
315Kb / 6P
50A -1200V SiC Schottky Diode
Rev. B, April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com