Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD-2020R Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SCD-2020R Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SCD-2020R
Download  SCD-2020R Download
File Size   274.65 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 1/3" High Resolution Small IR Dome Camera

SCD-2020R Datasheet (PDF)

Go To PDF Page Download Datasheet
SCD-2020R Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SCD-2020R
Download  SCD-2020R Click to download

File Size   274.65 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 1/3" High Resolution Small IR Dome Camera

SCD-2020R Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SCD-2020R Product details

• High resolution of 600TV lines
• Min. illumination 0Lux (IR LED on), IR distance 7m
• Built-in fixed lens (3.6mm), SSNRIII (3D+2D)
• Coaxial control, 12V DC




Similar Part No. - SCD-2020R

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SCD-2021R HANWHAVISION-SCD-2021R Datasheet
298Kb / 2P
High Resolution Small IR Dome Camera
SCD-2022 HANWHAVISION-SCD-2022 Datasheet
273Kb / 2P
Premium Resolution Small Dome Camera
More results


Similar Description - SCD-2020R

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
XQ1395 PERKINELMER-XQ1395 Datasheet
270Kb / 6P
1 High Resolution Resistron - Camera Tube
logo
Level One
FCS-3053 LVL1-FCS-3053 Datasheet
683Kb / 4P
Fixed Dome Network Camera
FCS-3054 LVL1-FCS-3054 Datasheet
567Kb / 4P
Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
Fixed Dome Network Camera
FCS-3102 LVL1-FCS-3102 Datasheet
147Kb / 4P
Fixed Dome Network Camera
FCS-4302 LVL1-FCS-4302 Datasheet
396Kb / 4P
PTZ Dome Network Camera
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com