Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-120WM Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-120WM Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SBP-120WM
Download  SBP-120WM Download
File Size   1755.84 Kbytes
Page   3 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 2Megapixel HD-SDI Dome Camera

SBP-120WM Datasheet (PDF)

Go To PDF Page Download Datasheet
SBP-120WM Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-120WM
Download  SBP-120WM Click to download

File Size   1755.84 Kbytes
Page   3 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 2Megapixel HD-SDI Dome Camera

SBP-120WM Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SBP-120WM Product details

• Max 2M (1920 x 1080), Full HD(1080p) resolution
• HD-SDI (High Definition Serial Digital Interface)
• Enhanced WDR (100dB)
• Min. Illumination 0.5Lux@F2.0 (Color)
• Built-in 3.8mm fixed lens
• Tampering, Motion Detection
• Day & Night(S/W), RS-485, SSNR III, 12V DC
Compatible Accessories




Similar Part No. - SBP-120WM

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-120WM HANWHAVISION-SBP-120WM Datasheet
1Mb / 4P
2MP Analog Dome Camera
SBP-120WM HANWHAVISION-SBP-120WM Datasheet
1Mb / 4P
2MP Analog IR Dome Camera
SBP-120WM HANWHAVISION-SBP-120WM Datasheet
1Mb / 4P
1080p Analog HD IR Dome Camera
SBP-120WM HANWHAVISION-SBP-120WM Datasheet
1Mb / 4P
1080p Analog HD IR Dome Camera
SBP-120WM HANWHAVISION-SBP-120WM Datasheet
1Mb / 4P
QHD (4MP) Analog IR Dome Camera
More results


Similar Description - SBP-120WM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
HD-SDI & SD-SDI Video
OTP-2HDP EMCORE-OTP-2HDP Datasheet
86Kb / 2P
HD-SDI & SD-SDI Video
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
HD-SDI & SD-SDI Video
logo
Glenair, Inc.
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
SMPTE HD-SDI AND 3G-SDI
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
SMPTE HD-SDI
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
SMPTE HD-SDI AND 3G-SDI
050-357 GLENAIR-050-357 Datasheet
501Kb / 15P
SMPTE HD-SDI AND 3G-SDI
logo
A1 PROs co., Ltd.
AH232Z A1PROS-AH232Z Datasheet
164Kb / 2P
2.1Mega pixel HD SDI Camera
AH247VP A1PROS-AH247VP Datasheet
174Kb / 2P
2.1Mega pixel HD-SDI Camera
AP242S A1PROS-AP242S Datasheet
730Kb / 4P
2Megapixel Full HD Network Camera Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com