Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8366 Datasheet (PDF) - Hamamatsu Corporation

C8366 Datasheet PDF - Hamamatsu Corporation
Part # C8366
Download  C8366 Download
File Size   107.99 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Current-to-voltage conversion amplifier for high-speed Si PIN photodiode

C8366 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8366 Datasheet PDF - Hamamatsu Corporation

Part # C8366
Download  C8366 Click to download

File Size   107.99 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Current-to-voltage conversion amplifier for high-speed Si PIN photodiode

C8366 Datasheet (HTML) - Hamamatsu Corporation


C8366 Product details

Current-to-voltage conversion amplifier
(C8366: for high-speed Si PIN photodiode
   C8366-01: for high-speed InGaAs PIN photodiode)

Features
■ Wide band
   DC to 100 MHz Typ. (-3 dB; varies depending on the
   photodiode used)
■ Easy photodiode connection
   Just inserting the photodiode lead pins makes the connection.
   (Compatible with TO-8, TO-5 and TO-18 packages)
■ Adjustable response speed
   Response speed can be adjusted by a trimmer potentiometer easily.
■ Compact size

Applications
■ High-speed photometry
■ Laser monitors
■ Optical power meters




Similar Part No. - C8366

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8366 HAMAMATSU-C8366_15 Datasheet
563Kb / 4P
Current-to-voltage conversion amplifier
More results


Similar Description - C8366

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S9723 HAMAMATSU-S9723 Datasheet
99Kb / 2P
Si PIN photodiode Large area Si PIN photodiode for direct detection
S1722-02 HAMAMATSU-S1722-02 Datasheet
96Kb / 2P
Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
S3071 HAMAMATSU-S3071 Datasheet
120Kb / 3P
Si PIN photodiode Large area, high-speed Si PIN photodiodes
S3590-18 HAMAMATSU-S3590-18 Datasheet
416Kb / 2P
Si PIN photodiode Large area Si PIN photodiode for scintillation counting
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
Si PIN photodiode
C8366 HAMAMATSU-C8366_15 Datasheet
563Kb / 4P
Current-to-voltage conversion amplifier
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
Si PIN photodiode
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com