Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS856 Datasheet (PDF) - Toshiba Semiconductor

TPS856 Datasheet PDF - Toshiba Semiconductor
Part # TPS856
Download  TPS856 Download
File Size   291.01 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Mobile Phones Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment

TPS856 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS856 Datasheet PDF - Toshiba Semiconductor

Part # TPS856
Download  TPS856 Click to download

File Size   291.01 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Mobile Phones Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment

TPS856 Datasheet (HTML) - Toshiba Semiconductor


TPS856 Product details

Mobile Phones
Notebook PCs, PDAs
Video cameras, Digital Still Cameras
Other Equipment Requiring Luminosity Adjustment

The TPS856 is an ultra-compact surface-mount photo-IC for illuminance sensors which incorporates a photodiode and current amp circuit in a single chip.
The sensitivity is superior to that of a phototransistor, and exhibits little variation.
It has spectral sensitivity closer to luminous efficiency and excellent output linearity.
With its ultra-compact surface-mount package, this photo-IC can be used as the power-saving control for domestic appliances or for backlighting for displays in cellular phones, this device enables low power consumption to be achieved.
This device includes stand-by function which can reduce the power consumption.

• Ultra-compact and light surface-mount package: 1.6 × 1.6 × 0.55 mm
• Excellent output linearity of illuminance
• Little fluctuation in light current and high level of sensitivity
   : IL = 57 μA (typ.) @EV = 100 lx using fluorescent light
   : Light current variation width: × 1.67 ( When light current classification is specified.)
   : Little temperature fluctuation
• Built-in luminous-efficiency correction function, reduced sensitivity variations due to various light sources
   : IL (using incandescent light)/IL (using fluorescent light) = 1.0 (typ.)
• Low supply voltage, making device suitable for battery-powered equipment: VCC = 1.8 V to 5.5 V
• Lead(Pb)-Free




Similar Part No. - TPS856

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850 Datasheet
275Kb / 10P
Photo-IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850_07 Datasheet
275Kb / 10P
Photo-IC Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851 Datasheet
203Kb / 12P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851 Datasheet
272Kb / 12P
Silicon Epitaxial Planar
More results


Similar Description - TPS856

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
logo
Toshiba Semiconductor
TPS855 TOSHIBA-TPS855 Datasheet
211Kb / 8P
Luminosity Adjustment for TV Screens, CRT Monitors and Liquid-crystal Display Monitors Other Equipment Requiring Luminosity Adjustment
TPS853 TOSHIBA-TPS853_07 Datasheet
277Kb / 12P
Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
logo
Sanyo Semicon Device
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
Driver for Digital Still Cameras
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
Driver for Digital Still Cameras
logo
Panasonic Semiconductor
ESE-13H01D PANASONIC-ESE-13H01D Datasheet
100Kb / 3P
Detection of media in portable electronic equipment (Mobile phones / Digital still cameras / Camcorders)
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
Digital Still Cameras
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
Digital Still Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com