Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2910155 Datasheet (PDF) - PHOENIX CONTACT

2910155 Datasheet PDF - PHOENIX CONTACT
Part # 2910155
Download  2910155 Download
File Size   323.39 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IOA REL 24V DI/BFI/1.0A/EX - Relay module

2910155 Datasheet (PDF)

Go To PDF Page Download Datasheet
2910155 Datasheet PDF - PHOENIX CONTACT

Part # 2910155
Download  2910155 Click to download

File Size   323.39 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IOA REL 24V DI/BFI/1.0A/EX - Relay module

2910155 Datasheet (HTML) - PHOENIX CONTACT


2910155 Product details

Relay module for VIP I/O-Marshalling base elements. For the electrically isolated coupling of
24 V DC field devices to digital inputs. Integrated fuse and fuse failure indication.




Similar Part No. - 2910155

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2910153 PHOENIX-2910153 Datasheet
353Kb / 9P
IOA REL 24V DO/BFI/3.0A/EX - Relay module
2910154 PHOENIX-2910154 Datasheet
283Kb / 8P
IOA REL 120V DO/BFI/3.0A/EX - Relay module
2910157 PHOENIX-2910157 Datasheet
324Kb / 8P
IOA REL 120V DI/1.0A/EX - Relay module
More results


Similar Description - 2910155

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908822 PHOENIX-2908822 Datasheet
113Kb / 5P
Single relay - REL-MR-24DC/21HC/EX
2909526 PHOENIX-2909526 Datasheet
104Kb / 5P
Relay Module - PLC-RSC-230UC/21/EX
2909529 PHOENIX-2909529 Datasheet
104Kb / 5P
Relay Module - PLC-RPT-120UC/21/EX
2909738 PHOENIX-2909738 Datasheet
102Kb / 4P
Single relay - REL-IR4/24DC/4X21/EX
2908821 PHOENIX-2908821 Datasheet
198Kb / 6P
Single relay - REL-MR-12DC/21HC/EX
2908823 PHOENIX-2908823 Datasheet
226Kb / 6P
Single relay - REL-MR-110DC/21HC/EX
2908824 PHOENIX-2908824 Datasheet
227Kb / 6P
Single relay - REL-MR-110DC/21-21/EX
2909534 PHOENIX-2909534 Datasheet
447Kb / 15P
Relay Module - PLC-RPT-230UC/21HC/EX
10/27/2021
2909744 PHOENIX-2909744 Datasheet
152Kb / 9P
Single relay - REL-IR4/120AC/4X21/EX
09/12/2020
2909742 PHOENIX-2909742 Datasheet
301Kb / 6P
Single relay - REL-IR4/230AC/4X21/EX
10/27/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com