Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

417B Datasheet (PDF) - Automatic Timing & Controls, Inc.

417B Datasheet PDF - Automatic Timing & Controls, Inc.
Part # 417B
Download  417B Download
File Size   547.02 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description True OFF-Delay Timer

417B Datasheet (PDF)

Go To PDF Page Download Datasheet
417B Datasheet PDF - Automatic Timing & Controls, Inc.

Part # 417B
Download  417B Click to download

File Size   547.02 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description True OFF-Delay Timer

417B Datasheet (HTML) - Automatic Timing & Controls, Inc.


417B Product details

• True Off-Delay mode of operation
• Output contacts rated 10A at 120/240 VAC
• Three timing ranges in a single unit:
10 SEC, 1 MIN, 10 MIN
5 SEC, 0.5 MIN, 5 MIN
• Universal power operation:
24 VAC to 240 VAC & 24 VDC
• 8-Pin or 11-Pin mounting.
• Remote reset models.
• 48mm2 DIN standard housing
• Range selection is tamper-proof when panel-mounted.

TYPICAL APPLICATIONS
Whenever main power is interrupted, the 417 (adjustable from 0.1 SEC to 10 MIN), enables an emergency backup power source.
Controlled by a PLC, the 417 timing cycle can be aborted by using the remote reset terminal.




Similar Part No. - 417B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
417 LITTELFUSE-417 Datasheet
50Kb / 2P
SURFACE MOUNT FUSES
logo
France Joint
417 FRANCEJOINT-417 Datasheet
356Kb / 3P
WIPER SEALS
logo
Keystone Electronics Co...
417 KEYSTONE-417 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
France Joint
417.0100186 FRANCEJOINT-417.0100186 Datasheet
356Kb / 3P
WIPER SEALS
417.0120206 FRANCEJOINT-417.0120206 Datasheet
356Kb / 3P
WIPER SEALS
More results


Similar Description - 417B

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
Tyco Electronics
2-1437463-1 MACOM-2-1437463-1 Datasheet
156Kb / 1P
Specification Grade Discrete Plug-in True Off-Delay Time Delay Relay
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
Texas Instruments
BQ771800 TI1-BQ771800_16 Datasheet
875Kb / 23P
Internal Delay Timer
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
Available in on-delay, true off-delay, and on/off-delay
SCE TEC-SCE Datasheet
147Kb / 1P
True Off-Delay timing modes
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
OFF DELAY TIMER
logo
Littelfuse
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com