Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

422AR Datasheet (PDF) - Automatic Timing & Controls, Inc.

422AR Datasheet PDF - Automatic Timing & Controls, Inc.
Part # 422AR
Download  422AR Download
File Size   813.84 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description 1/16 DIN Flip-Flop Timer

422AR Datasheet (PDF)

Go To PDF Page Download Datasheet
422AR Datasheet PDF - Automatic Timing & Controls, Inc.

Part # 422AR
Download  422AR Click to download

File Size   813.84 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description 1/16 DIN Flip-Flop Timer

422AR Datasheet (HTML) - Automatic Timing & Controls, Inc.


422AR Product details

• Six Selectable Ranges:
1 and 10 SEC/MIN/HRS
• Individual adjustable ON-time and OFF-time
• Cycle can begin with relay energized or de-energized
• Relay rated 5A @ 250 VAC Resistive
• Compact Size (1/16 DIN)
• DPDT Relay Output
• Power: 20VAC to 240VAC 12VDC to 240VDC
• LED Indicator for Power and Relay energized output
• Can be DIN Rail mounted with DIN RAIL socket
• Faceplate IP40




Similar Part No. - 422AR

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
422 TELEDYNE-422 Datasheet
748Kb / 6P
TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
logo
Adafruit Industries
422 ADAFRUIT-422 Datasheet
832Kb / 1P
Fine tip curved tweezers - ESD safe - 120mm
3-11-20
logo
Keystone Electronics Co...
422 KEYSTONE-422 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
IDEAL-TEK SA
422 SM IDEAL-TEK-422 SM Datasheet
1Mb / 5P
Scalpels and Blades
logo
Chocbox
422-01-04 CHOCBOX-422-01-04 Datasheet
1Mb / 4P
CONNECTOR COVER (2 AMP-30 AMP)
More results


Similar Description - 422AR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
JK Flip Flop
Sep, 1999 ??Rev. 1.0
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
16-bit D-type flip-flop
1998 Feb 27
74ALS373 PHILIPS-74ALS373 Datasheet
144Kb / 13P
Latch/flip-flop
1991 Feb 08
74ALS573B PHILIPS-74ALS573B Datasheet
143Kb / 13P
Latch flip-flop
1991 Feb 08
74F534 PHILIPS-74F534 Datasheet
97Kb / 12P
Latch/flip-flop
1999 Jan 08
logo
Microsemi Corporation
TSC370 MICROSEMI-TSC370 Datasheet
828Kb / 2P
Flip-Flop
logo
NXP Semiconductors
N74ALS573 PHILIPS-N74ALS573 Datasheet
143Kb / 13P
Latch flip-flop
1991 Feb 08
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
D FLIP-FLOP
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
JK FLIP-FLOP
logo
Texas Instruments
SN74LVC16374 TI1-SN74LVC16374_14 Datasheet
489Kb / 12P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com