Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

425A Datasheet (PDF) - Automatic Timing & Controls, Inc.

425A Datasheet PDF - Automatic Timing & Controls, Inc.
Part # 425A
Download  425A Download
File Size   771.75 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description 1/16 DIN LED Digital Display Timer

425A Datasheet (PDF)

Go To PDF Page Download Datasheet
425A Datasheet PDF - Automatic Timing & Controls, Inc.

Part # 425A
Download  425A Click to download

File Size   771.75 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description 1/16 DIN LED Digital Display Timer

425A Datasheet (HTML) - Automatic Timing & Controls, Inc.


425A Product details

• Easy-To-Read High Intensity Green LED Display
• Timing From .01 SEC to 999 Hrs in One Unit
• Switch Selectable Timing Ranges Are Tamper Proof When Panel Mounted
• Timing LED Indicates Output Relay Status
• Time Preset Can Be Adjusted While Timing
• EEPROM memory Option Standard Feature
• Passes NEMA Showering Arc Noise Test
• Panel Mounting or 8-pin Octal Plug-in mounting
• Timing Up to or Down From the Set Point




Similar Part No. - 425A

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
425A SM IDEAL-TEK-425A SM Datasheet
1Mb / 5P
Scalpels and Blades
logo
Abbatron All Rights Res...
425AA ABBATRON-425AA Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Analog Devices
425ALP3E AD-425ALP3E Datasheet
1Mb / 4P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
logo
Automatic Timing & Cont...
425AR ATC-425AR Datasheet
335Kb / 2P
Multifunction Timer
425AR100T5X ATC-425AR100T5X Datasheet
335Kb / 2P
Multifunction Timer
More results


Similar Description - 425A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
48PH EXTECH-48PH Datasheet
185Kb / 1P
pH Controller 1/16 DIN
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
1/16 DIN Process Controller
logo
Omron Electronics LLC
H5CL OMRON-H5CL Datasheet
158Kb / 12P
Digital Timer
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
H3CA8DC24 OMRON-H3CA8DC24 Datasheet
1Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
logo
SELEC Controls Pvt. Ltd
600DT SELEC-600DT Datasheet
738Kb / 2P
17.5mm Din Rail Timer
600ST SELEC-600ST Datasheet
345Kb / 1P
17.5mm Din Rail Timer
600U SELEC-600U Datasheet
450Kb / 2P
17.5mm Din Rail Timer
800SQ-A SELEC-800SQ-A Datasheet
144Kb / 2P
DIN Rail Timer
800XC SELEC-800XC Datasheet
142Kb / 2P
DIN Rail Timer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com