Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19605CA20H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS19605CA20H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS19605CA20H
Download  TS19605CA20H Download
File Size   635.36 Kbytes
Page   11 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Three-Channel Linear LED Driver with Analog and PWM Dimming

TS19605CA20H Datasheet (PDF)

Go To PDF Page Download Datasheet
TS19605CA20H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS19605CA20H
Download  TS19605CA20H Click to download

File Size   635.36 Kbytes
Page   11 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Three-Channel Linear LED Driver with Analog and PWM Dimming

TS19605CA20H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS19605CA20H Product details

FEATURES
● AEC-Q100 qualified with the following results:
- Device temperature grade 1: -40°C to 125°C
- Device HBM ESD classification level H1C
- Device CDM ESD classification level C6
● Wide input voltage range: 4.5V to 70V
● Max. output current: 150mA per channel
- Adjustable by external resistor
- Accuracy: ±4% per channel when IOX @ 200mA
- Accuracy: ±6% per device when IOX @ 200mA
- Up to 400mA per channel @ VDROPOUT≤1V
● Dimming function of PWM and Analog
● VREF pin for outside cascade structure to share the
power dissipation with full loading
● Diagnostic functionalities (LED-string Open/Short,
ISET pin Open/Short, over temperature, supply
voltage)
● LED-String voltage feedback per channel for
Single-LED Short Detection (SSD)
● Separate fault pin for Single-LED Short Failure
● RoHS Compliant
● Halogen-Free according to IEC 61249-2-21

APPLICATION
● Automotive LED Lighting:
- Daytime Running Lamp (DRL) / Interior light
- Stop or Tail / Position / Fog / Turn Light
● Industrial LED Applications
● General RGB or White LED Drivers




Similar Part No. - TS19605CA20H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601 Datasheet
220Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601 TSC-TS19601 Datasheet
268Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601CP5RO TSC-TS19601CP5RO Datasheet
220Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601CP5RO TSC-TS19601CP5RO Datasheet
268Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601CP5ROG TSC-TS19601CP5ROG Datasheet
268Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
More results


Similar Description - TS19605CA20H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Texas Instruments
TPS92638-Q1 TI-TPS92638-Q1_15 Datasheet
4Mb / 39P
TPS92638-Q1 8-Channel Linear LED Driver With PWM Dimming
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
Rev 1
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
Three-Channel Linear LED Driver With Analog and PWM Dimming
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
8-Channel Linear LED Driver With PWM Dimming
logo
Integrated Silicon Solu...
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
logo
Diodes Incorporated
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
Rev 1
AL1783 DIODES-AL1783 Datasheet
616Kb / 14P
60V THREE INDEPENDENT PWM CHANNEL LINEAR LED DRIVER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com