Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCV-5083R Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SCV-5083R Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SCV-5083R
Download  SCV-5083R Download
File Size   999.58 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 1000TVL (1280H) WDR Vandal-Resistant

SCV-5083R Datasheet (PDF)

Go To PDF Page Download Datasheet
SCV-5083R Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SCV-5083R
Download  SCV-5083R Click to download

File Size   999.58 Kbytes
Page   2 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 1000TVL (1280H) WDR Vandal-Resistant

SCV-5083R Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SCV-5083R Product details

• High resolution of 1000TV lines (Color), 1000TV lines (B/W)
• Min. Illumination 0Lux (IR LED on), IR distance 30m
• 3.3x varifocal lens (3 ~ 10mm)
• 120dB WDR, Day & Night (ICR)
• SSDR, SSNRIV, Defog, Intelligent video analytics
• IP66, IK10, Coax : Pelco-C (Coaxitron), RS-485, Dual power




Similar Part No. - SCV-5083R

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SCV-5083 HANWHAVISION-SCV-5083 Datasheet
1Mb / 3P
1280H WDR Dome Camera
More results


Similar Description - SCV-5083R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV8 E-SWITCH-PV8 Datasheet
134Kb / 1P
Vandal and Vandal Resistant, RATING: 2A 36VDC
logo
Elektron Components Ltd...
DX0505 BULGIN-DX0505 Datasheet
70Kb / 1P
Vandal Resistant LED Indicators
DX0507 BULGIN-DX0507 Datasheet
75Kb / 1P
Vandal Resistant LED Indicators
MPI001 BULGIN-MPI001 Datasheet
77Kb / 1P
Stainless Steel Illuminated Vandal Resistant
MPI002 BULGIN-MPI002 Datasheet
75Kb / 1P
Stainless Steel Illuminated Vandal Resistant
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
VANDAL RESISTANT
logo
List of Unclassifed Man...
TANGO-20A ETC2-TANGO-20A Datasheet
990Kb / 3P
Vandal resistant
logo
Taoglas antenna solutio...
G20.B.305111.WMC TAOGLAS-G20.B.305111.WMC Datasheet
1Mb / 15P
Covert and Vandal Resistant
MA106.C.LB.001 TAOGLAS-MA106.C.LB.001 Datasheet
1Mb / 30P
UV and vandal resistant PC housing
WS.02.B.205111 TAOGLAS-WS.02.B.205111 Datasheet
1Mb / 21P
UV and Vandal Resistant ABS Housing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com