Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS830 Datasheet (PDF) - Toshiba Semiconductor

TPS830 Datasheet PDF - Toshiba Semiconductor
Part # TPS830
Download  TPS830 Download
File Size   222.38 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Si Monolithic Photo−IC

TPS830 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS830 Datasheet PDF - Toshiba Semiconductor

Part # TPS830
Download  TPS830 Click to download

File Size   222.38 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Si Monolithic Photo−IC

TPS830 Datasheet (HTML) - Toshiba Semiconductor


TPS830 Product details

Lead(Pb)-Free
High−Speed Optical Remote Controllers
Wireless Mouse, Wireless keyboard
IR Data Communications

• Photodiode, I−V converter, band−pass filter and AGC amplifier all incorporated in a single chip
• Carrier frequency: fo = 455kHz (typ.)
• Supply voltage: VCC = 5V
• Visible light cut−off frequency: λ > 700nm
• TLN105B(F) and TLN231(F) available as infrared LEDs for remote controllers




Similar Part No. - TPS830

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS830 TOSHIBA-TPS830 Datasheet
331Kb / 6P
Si MONOLITHIC PHOTO-IC
More results


Similar Description - TPS830

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS831 TOSHIBA-TPS831 Datasheet
298Kb / 6P
TOSHIlBA PHOTO IC SI MONOLITHIC PHOTO IC
TPS830 TOSHIBA-TPS830 Datasheet
331Kb / 6P
Si MONOLITHIC PHOTO-IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
GaA?밃s Ired Photo−IC
TLP722 TOSHIBA-TLP722_07 Datasheet
175Kb / 3P
Photo−Diode
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
GaA?밃s Ired & Photo−IC
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
Photo−IC Digital Logic Isolation
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
Photo−IC Isolated Line Receiver
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
Photo−IC Digital Logic Isolation.
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
Photocoupler GaA?밃s Ired & Photo−IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com