Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLU-600 Datasheet (PDF) - Automatic Timing & Controls, Inc.

SLU-600 Datasheet PDF - Automatic Timing & Controls, Inc.
Part # SLU-600
Download  SLU-600 Download
File Size   250.03 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description Universal Phase Monitor

SLU-600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLU-600 Datasheet PDF - Automatic Timing & Controls, Inc.

Part # SLU-600
Download  SLU-600 Click to download

File Size   250.03 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description Universal Phase Monitor

SLU-600 Datasheet (HTML) - Automatic Timing & Controls, Inc.


SLU-600 Product details

• Monitors up to 700 VAC
• DIN Rail or Surface Mount
• Operating Range 200-630 VAC
• Manual or Automatic Reset
• Adjustable Restart Delay
• Adjustable Fault Delay

PROTECTS AGAINST:
• Rapid Cycling
• Phase Loss
• Phase Reversal
• Phase Unbalance
• Phase Shift
• Over/Under Voltage
• Over/Under Frequency




Similar Part No. - SLU-600

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
SLU-0200 ATC-SLU-0200 Datasheet
309Kb / 1P
Universal Phase Monitor w/ Rapid Cycle Lockout
SLU-0201 ATC-SLU-0201 Datasheet
323Kb / 1P
Universal Phase Monitor w/ Rapid Cycle Lockout & Diagnostic LED
SLU-100 ATC-SLU-100 Datasheet
343Kb / 1P
Universal Phase Monitor
SLU-100-ASA ATC-SLU-100-ASA Datasheet
343Kb / 1P
Universal Phase Monitor
SLU-100-ASD ATC-SLU-100-ASD Datasheet
343Kb / 1P
Universal Phase Monitor
More results


Similar Description - SLU-600

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
MR1612 TRIPPLITE-MR1612 Datasheet
489Kb / 2P
Universal Monitor Riser
MR2208G TRIPPLITE-MR2208G Datasheet
481Kb / 2P
Universal Glass-Top Monitor Riser
DMA1327SD TRIPPLITE-DMA1327SD Datasheet
158Kb / 3P
Universal Dual-Monitor Mount Adapter
MR1815SWVL TRIPPLITE-MR1815SWVL Datasheet
163Kb / 2P
Universal Swivel Monitor Stand/Riser
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
111-INSIDER-P LITTELFUSE-111-INSIDER-P Datasheet
355Kb / 4P
Single-Phase Pump Monitor
Revised: 10/31/2022
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com