Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZD-153 Datasheet (PDF) - AG Electronica

ZD-153 Datasheet PDF - AG Electronica
Part # ZD-153
Download  ZD-153 Download
File Size   263.16 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description EXTRACTOR DE AIRE

ZD-153 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZD-153 Datasheet PDF - AG Electronica

Part # ZD-153
Download  ZD-153 Click to download

File Size   263.16 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description EXTRACTOR DE AIRE

ZD-153 Datasheet (HTML) - AG Electronica


ZD-153 Product details

Descripción:
La soldadura con frecuencia libera aditivos, gases y aerosoles que contienen colofonia, que irritan la piel y las vías respiratorias. El extractor de humos de soldadura, filtra las sustancias nocivas en la fuente, con el filtro de carbón activado, evitando el contacto directo con la piel, las vías respiratorias y la difusión en el área circundante.




Similar Part No. - ZD-153

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ZD-108K AGELECTRONICA-ZD-108K Datasheet
216Kb / 1P
Bomba Desoldadora antiestática
17/02/2015
ZD-10G AGELECTRONICA-ZD-10G Datasheet
213Kb / 1P
Lupa, Caimán y soporte de cautín
17/02/2015
ZD-10Y AGELECTRONICA-ZD-10Y Datasheet
589Kb / 1P
Lupa con Lámpara LED y Caimanes
30/Ene/2017
logo
List of Unclassifed Man...
ZD-1790 ETC-ZD-1790 Datasheet
756Kb / 5P
Ultrabright LED, 첩 5 mm Untinted Non-Diffused
More results


Similar Description - ZD-153

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
R1001-062 RICHCO-R1001-062 Datasheet
39Kb / 1P
INSERTER / EXTRACTOR
R1209-062 RICHCO-R1209-062 Datasheet
160Kb / 1P
INSERT/EXTRACTOR
logo
EPCOS
B7742 EPCOS-B7742_1 Datasheet
118Kb / 9P
SAW GPS Extractor Filter GPS Extractor
logo
Tripp Lite. All Rights ...
P130-000-AUDIO TRIPPLITE-P130-000-AUDIO Datasheet
493Kb / 2P
UHD 4K x 2K 30 Hz HDMI Audio De-Embedder Extractor
logo
Molex Electronics Ltd.
200222-0200 MOLEX-200222-0200 Datasheet
505Kb / 3P
Extractor Tool
09-29-17
63824-6300 MOLEX-63824-6300 Datasheet
668Kb / 6P
Extractor Tool
4-05-17
63824-3500 MOLEX-63824-3500 Datasheet
193Kb / 2P
Extractor Tool
03-14-13
63824-3600 MOLEX-63824-3600 Datasheet
194Kb / 2P
Extractor Tool
03-07-13
63824-4800 MOLEX-63824-4800 Datasheet
389Kb / 2P
Extractor Tool
08-21-14
63824-5300 MOLEX-63824-5300 Datasheet
426Kb / 4P
Extractor Tool
10-28-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com