Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8255 Datasheet (PDF) - Digital Core Design

D8255 Datasheet PDF - Digital Core Design
Part # D8255
Download  D8255 Download
File Size   125.39 Kbytes
Page   4 Pages
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design
Description Programmable Peripheral Interface

D8255 Datasheet (PDF)

Go To PDF Page Download Datasheet
D8255 Datasheet PDF - Digital Core Design

Part # D8255
Download  D8255 Click to download

File Size   125.39 Kbytes
Page   4 Pages
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design
Description Programmable Peripheral Interface

D8255 Datasheet (HTML) - Digital Core Design


D8255 Product details

The D8255 is a programmable I/O device which is designed for use with all Intel and most other microprocessors. It provides 24 I/O pins which may be individually programmed in 2 groups of 12 and used in 3 major modes of operation:



● Mode 0 - Basic Input/Output. This functional configuration provides simple input and output operations for each of the three ports. No „handshaking' is required, data is simply written to or read from a specified port. Mode 0 Basic Functional Definitions:

  ○Two 8-bit ports and two 4-bit ports.

  ○Any port can be input or output.

  ○16 different Input/Output configurations are possible in this Mode



● MODE 1 - Strobed Input/Output. This functional configuration provides a means for transferring I/O data to or from a specified port in conjunction with strobes or „handshaking' signals. In mode 1, Port A and Port B use the lines on Port C to generate or accept these „handshaking' signals. Mode 1 Basic functional Defini

tions:

   ○Two Groups (Group A and Group B).

   ○Each group contains one 8-bit data port and one 4-bit control/data port.

   ○The 8-bit data port can be either input or output Both inputs and outputs are latched.

   ○The 4-bit port is used for control and status of the 8-bit data port.



● MODE 2 - Strobed Bidirectional Bus I/O. This functional configuration provides a means for communicating with a peripheral device or structure on a single 8-bit bus for both transmitting and receiving data (bidirectional bus I/O). „Handshaking' signals are provided to maintain proper bus flow discipline in a similar manner to MODE 1. Interrupt generation and enable/disable functions are also

available. MODE 2 Basic Functional Definitions:

  ○Used in Group A only.

  ○One 8-bit, bi-directional bus port (Port A) and a 5-bit control port (Port C).

  ○The 5-bit control port (Port C) is used for control and status for the 8-bit, bi-directional bus port (Port A)



KEYFEATURES

●Compatible with industry standard 8255

●24 I/O lines individually programmed in 2 groups of 12:

   ○Group A - Port A and upper half of Port C

   ○Group B – Port B and lower half of Port C

●3 major modes of operation

   ○Mode 0 – Basic input/output

   ○Mode 1 – Strobed Input/output

  ○Mode 2 – Bi-directional Bus

●Control Word Read-Back Capability

●Direct Bit Set/Reset Capability

●Interrupt control functions

●No internal three states busses

●Fully synthesizable technology independent source code.




Similar Part No. - D8255

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D8255A INTEL-D8255A Datasheet
1Mb / 24P
PROGRAMMABLE PERIPHEAL INTERFACE
logo
Advanced Micro Devices
D8255A AMD-D8255A Datasheet
267Kb / 5P
Programmable Peripheral Interface iAPX86 Family
logo
Intel Corporation
D8255A-5 INTEL-D8255A-5 Datasheet
1Mb / 24P
PROGRAMMABLE PERIPHEAL INTERFACE
logo
NEC
D8255AC NEC-D8255AC Datasheet
363Kb / 9P
PROGRAMMABLE PERIPHERAL INTERFACE
D8255AC-2 NEC-D8255AC-2 Datasheet
363Kb / 9P
PROGRAMMABLE PERIPHERAL INTERFACE
More results


Similar Description - D8255

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5L8255AP-5 MITSUBISHI-M5L8255AP-5 Datasheet
1Mb / 18P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
PROGRAMMABLE PERIPHERAL INTERFACE
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intel Corporation
82C55A INTEL-82C55A Datasheet
325Kb / 23P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
CMOS Programmable Peripheral Interface
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
Programmable Peripheral Interface
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
More results




About Digital Core Design


Digital Core Design (DCD) is a company that specializes in providing intellectual property (IP) cores for microprocessors and microcontrollers. Founded in 1999 and based in Poland, DCD offers a wide range of IP cores, including 8051, AVR, Z80, 68000, and ARM cores, among others.

DCD's IP cores are used in a variety of applications, including automotive, industrial automation, medical devices, and consumer electronics. The company's IP cores are designed to be highly configurable and customizable, allowing customers to tailor the cores to their specific needs.

In addition to its IP cores, DCD offers a range of design services, including custom microcontroller design, FPGA design, and software development. The company has a team of experienced engineers who work closely with customers to develop custom solutions that meet their specific requirements.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com