Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9696 Datasheet (PDF) - Hamamatsu Corporation

P9696 Datasheet PDF - Hamamatsu Corporation
Part # P9696
Download  P9696 Download
File Size   109.01 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PbSe photoconductive detector

P9696 Datasheet (PDF)

Go To PDF Page Download Datasheet
P9696 Datasheet PDF - Hamamatsu Corporation

Part # P9696
Download  P9696 Click to download

File Size   109.01 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PbSe photoconductive detector

P9696 Datasheet (HTML) - Hamamatsu Corporation


P9696 Product details

Infrared detectors with fast response and high sensitivity in 5 m wavelength band



Compared to other detectors used in the same wavelength regions, PbSe photoconductive detectors have faster response and can operate at room temperature, making them widely used in gas analyzers, etc. Cooling these detectors increases the sensitivity and improves the S/N. So cooled type PbSe photoconductive detectors are widely used in high-precision photometry such as for analytical instruments.



Features

High-speed response

Room temperature type and TE-cooled type available

Lower temperature detection limit: approx. 50 °C

With bandpass lter: P3207-07



Applications

Gas analyzer (CH4, CO, CO2)

Radiation thermometer

Flame detector

Film thickness gauge




Similar Part No. - P9696

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9696-02 HAMAMATSU-P9696-02 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
P9696-03 HAMAMATSU-P9696-03 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
P9696-102 HAMAMATSU-P9696-102 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
P9696-103 HAMAMATSU-P9696-103 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
P9696-202 HAMAMATSU-P9696-202 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
More results


Similar Description - P9696

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2532-01 HAMAMATSU-P2532-01 Datasheet
82Kb / 4P
PbS photoconductive detector
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
MCT photoconductive detector
P3257 HAMAMATSU-P3257 Datasheet
141Kb / 3P
MCT photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
InSb photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
PbSe photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
PbSe photoconductive detector
P2748 HAMAMATSU-P2748_07 Datasheet
85Kb / 4P
MCT photoconductive detector
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
InSb photoconductive detector
P9217 HAMAMATSU-P9217_07 Datasheet
95Kb / 3P
PbS photoconductive detector
P3207-08 HAMAMATSU-P3207-08_15 Datasheet
239Kb / 7P
PbSe photoconductive detectors
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com