Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF09-SD01F3 Datasheet (PDF) - STMicroelectronics

EMIF09-SD01F3 Datasheet PDF - STMicroelectronics
Part # EMIF09-SD01F3
Download  EMIF09-SD01F3 Download
File Size   413.15 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9 line EMI filter and ESD protection

EMIF09-SD01F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMIF09-SD01F3 Datasheet PDF - STMicroelectronics

Part # EMIF09-SD01F3
Download  EMIF09-SD01F3 Click to download

File Size   413.15 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9 line EMI filter and ESD protection

EMIF09-SD01F3 Datasheet (HTML) - STMicroelectronics


EMIF09-SD01F3 Product details

Description
The EMIF09-SD01F3 is a highly integrated array designed to suppress EMI/RFI noise for secure digital memory cards. The EMIF09-SD01F3 is in a Flip Chip package to offer space saving and high RF performance.
This low-pass filter includes ESD protection circuitry, which prevents damage to the protected device when subjected to ESD surges up 15 kV. This filter also has a low line capacitance to be compatible with high data rate signals.

Features
■ 9-line EMI low-pass filter and ESD protection
■ High efficiency in EMI filtering
■ Lead-free package
■ 400 µm pitch
■ Very low PCB space occupation: < 4 mm2
■ Very thin package: 0.6 mm
■ High reliability offered by monolithic integration
■ Reduction of parasitic elements thanks to CSP integration

Application
■ Secure digital memory card in mobile phones and communication systems




Similar Part No. - EMIF09-SD01F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
More results


Similar Description - EMIF09-SD01F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2 Datasheet
271Kb / 7P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2004
EMIF11-10002C4 STMICROELECTRONICS-EMIF11-10002C4 Datasheet
305Kb / 6P
9 LINES EMI FILTER AND ESD PROTECTION
Oct-2003
EMIF02-MIC03C2 STMICROELECTRONICS-EMIF02-MIC03C2 Datasheet
285Kb / 7P
2 line EMI filter and ESD protection
28-Nov-2006
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF02-MIC03F2 STMICROELECTRONICS-EMIF02-MIC03F2 Datasheet
260Kb / 6P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2005
EMIF02-SPK01C2 STMICROELECTRONICS-EMIF02-SPK01C2 Datasheet
311Kb / 7P
2 line EMI filter and ESD protection
26-Jan-2006
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF10-LCD01C2 STMICROELECTRONICS-EMIF10-LCD01C2 Datasheet
159Kb / 7P
10 LINE EMI FILTER AND ESD PROTECTION
12-Aug-2005
EMIF10-LCD01F2 STMICROELECTRONICS-EMIF10-LCD01F2 Datasheet
146Kb / 8P
10 line EMI filter and ESD protection
30-Jan-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com