Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSF40122C Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSF40122C Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSF40122C
Download  TSF40122C Download
File Size   289.44 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 40A, 120V Trench Schottky Rectifier

TSF40122C Datasheet (PDF)

Go To PDF Page Download Datasheet
TSF40122C Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSF40122C
Download  TSF40122C Click to download

File Size   289.44 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 40A, 120V Trench Schottky Rectifier

TSF40122C Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSF40122C Product details

FEATURES
Excellent high temperature stability
Low forward voltage
Low power loss/ High efficiency
High forward surge capability
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converters




Similar Part No. - TSF40122C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF40102C TSC-TSF40102C Datasheet
288Kb / 6P
40A, 100V Trench Schottky Rectifier
Version: A2405
logo
Token Electronics Indus...
TSF401D65-S4 TOKEN-TSF401D65-S4 Datasheet
476Kb / 14P
Front End Filters
TSF401D90-D1 TOKEN-TSF401D90-D1 Datasheet
476Kb / 14P
Front End Filters
More results


Similar Description - TSF40122C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
120V, 40A Low VF Trench Barrier Schottky Rectifier
logo
Chip Integration Techno...
C40S100CT CITC-C40S100CT Datasheet
497Kb / 3P
40A Trench Schottky Rectifier
C40S120CT CITC-C40S120CT Datasheet
466Kb / 3P
40A Trench Schottky Rectifier
CB40S100CT CITC-CB40S100CT Datasheet
690Kb / 3P
40A Trench Schottky Rectifier
CF40S100CT CITC-CF40S100CT Datasheet
467Kb / 3P
40A Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSF40U100C TSC-TSF40U100C Datasheet
231Kb / 4P
40A, 100V Trench Schottky Rectifier
logo
PFC Device Inc.
PTR40L120CT PFC-PTR40L120CT Datasheet
775Kb / 7P
40A 120V HPTR Schottky Rectifier
PTR40V120CT PFC-PTR40V120CT Datasheet
779Kb / 7P
40A 120V HPTR Schottky Rectifier
PTR40120CT PFC-PTR40120CT Datasheet
778Kb / 7P
40A 120V HPTR Schottky Rectifier
logo
Diodes Incorporated
SDT40H120CT DIODES-SDT40H120CT_V01 Datasheet
750Kb / 6P
40A TRENCH SCHOTTKY RECTIFIER
May 2022 Rev. 5 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com