Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSG65N110CE Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSG65N110CE Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSG65N110CE
Download  TSG65N110CE Download
File Size   907.21 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description GaN FETs 650V, 18A, PDFN88, E-mode GaN Transistor

TSG65N110CE Datasheet (PDF)

Go To PDF Page Download Datasheet
TSG65N110CE Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSG65N110CE
Download  TSG65N110CE Click to download

File Size   907.21 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description GaN FETs 650V, 18A, PDFN88, E-mode GaN Transistor

TSG65N110CE Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSG65N110CE Product details

FEATURES
● 650 V enhancement mode power transistor
● Bottom-cooled, 8x8 mm PDFN package
● RDS(on)(Typ) = 78 mΩ
● IDSmax,DC = 18 A / IDSmax,Pulse = 35 A
● Simple gate drive requirements (0 V to 6 V)
● Transient tolerant gate drive (-20 V / +10 V)
● High switching frequency (> 1 MHz)
● Fast and controllable fall and rise times
● Reverse conduction capability
● Zero reverse recovery loss
● Source Sense (SS) pin for optimized gate drive
● ROHS Compliant
● Halogen-free
APPLICATIONS
● Consumer and Industrial Power Supplies
● Power Adapters
● LED Lighting Drivers
● Fast Battery Charging
● Power Factor Correction
● Appliance and Industrial Motor Drives
● Wireless Power Transfer




Similar Part No. - TSG65N110CE

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSG65N190CR TSC-TSG65N190CR Datasheet
869Kb / 10P
650V, 11A, PDFN56, E-MODE GAN TR
Version: B2305
TSG65N195CE TSC-TSG65N195CE Datasheet
901Kb / 10P
650V, 11A, PDFN88, E-MODE GAN TR
Version: A2303
More results


Similar Description - TSG65N110CE

ManufacturerPart #DatasheetDescription
logo
Rohm
GNE1040TB ROHM-GNE1040TB Datasheet
666Kb / 3P
150V E-mode GaN Transistor
11.Apr.2022 - Rev.A02
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-011-1-L GAN-GS-065-011-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220708
GS-065-011-2-L GAN-GS-065-011-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-018-2-L GAN-GS-065-018-2-L Datasheet
906Kb / 16P
650 V E-mode GaN transistor
Rev 220921
GS-065-030-2-L GAN-GS-065-030-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-060-5-B-A GAN-GS-065-060-5-B-A Datasheet
1Mb / 16P
Automotive 650 V GaN E-mode transistor
Rev 211025
logo
Teledyne Technologies I...
TDG650E601TSP TELEDYNE-TDG650E601TSP Datasheet
1Mb / 18P
Space GaN E-mode Transistor Product Specficaton
01-2022 Rev 1
TDG650E602TSP TELEDYNE-TDG650E602TSP Datasheet
1Mb / 21P
Space GaN E-mode Transistor Product Specficaton
01-2022 Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com